Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC590ADW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC590ADW
Description  8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC590ADW Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74HC590ADW Datasheet HTML 3Page - Texas Instruments SN74HC590ADW Datasheet HTML 4Page - Texas Instruments SN74HC590ADW Datasheet HTML 5Page - Texas Instruments SN74HC590ADW Datasheet HTML 6Page - Texas Instruments SN74HC590ADW Datasheet HTML 7Page - Texas Instruments SN74HC590ADW Datasheet HTML 8Page - Texas Instruments SN74HC590ADW Datasheet HTML 9Page - Texas Instruments SN74HC590ADW Datasheet HTML 10Page - Texas Instruments SN74HC590ADW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
SN54HC590A, SN74HC590A
8BIT BINARY COUNTERS
WITH 3STATE OUTPUT REGISTERS
SCLS039F − DECEMBER 1982 − REVISED SEPTEMBER 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
FROM
TO
SN54HC590A
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
2 V
4
8
2.5
fmax
4.5 V
20
35
13
MHz
fmax
6 V
24
40
16
MHz
2 V
80
150
225
tpd
CCLK
RCO
4.5 V
20
31
45
ns
tpd
CCLK
RCO
6 V
15
26
38
ns
2 V
70
130
195
tPLH
CCLR
RCO
4.5 V
18
28
39
ns
tPLH
CCLR
RCO
6 V
14
23
33
ns
2 V
70
140
210
tpd
RCLK
Q
4.5 V
18
31
42
ns
tpd
RCLK
Q
6 V
14
25
36
ns
2 V
80
125
185
ten
OE
Q
4.5 V
20
30
37
ns
ten
OE
Q
6 V
15
28
31
ns
2 V
80
125
185
tdis
OE
Q
4.5 V
20
30
37
ns
tdis
OE
Q
6 V
15
28
31
ns
2 V
38
75
110
RCO
4.5 V
8
15
22
tt*
RCO
6 V
6
13
19
ns
tt*
2 V
38
60
90
ns
Q
4.5 V
8
12
18
Q
6 V
6
10
15
* This parameter is not production tested for the SN54HC590A.


Similar Part No. - SN74HC590ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC590ADW TI-SN74HC590ADW Datasheet
584Kb / 19P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC590ADW TI-SN74HC590ADW Datasheet
865Kb / 22P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC590ADWG4 TI-SN74HC590ADWG4 Datasheet
584Kb / 19P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC590ADWR TI-SN74HC590ADWR Datasheet
584Kb / 19P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC590ADWR TI-SN74HC590ADWR Datasheet
865Kb / 22P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
More results

Similar Description - SN74HC590ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC590A TI-SN54HC590A Datasheet
584Kb / 19P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC590A TI-SN54HC590A_08 Datasheet
865Kb / 22P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN74LV8154 TI-SN74LV8154 Datasheet
254Kb / 11P
[Old version datasheet]   DUAL 16 BIT BINARY COUNTERS WITH 3 STATE OUTPUT REGISTERS
SN74LV8154 TI-SN74LV8154_07 Datasheet
267Kb / 12P
[Old version datasheet]   DUAL 16 BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN74LV8154 TI1-SN74LV8154_15 Datasheet
361Kb / 20P
[Old version datasheet]   Dual 16-Bit Binary Counters With 3-State Output Registers
SN74LV8154 TI-SN74LV8154_09 Datasheet
439Kb / 15P
[Old version datasheet]   DUAL 16-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN54LS592 TI-SN54LS592 Datasheet
827Kb / 20P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH INTPUT REGISTERS
SN54LS592 TI-SN54LS592_1 Datasheet
1Mb / 30P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH INPUT REGISTERS
SN74LS592 TI-SN74LS592 Datasheet
827Kb / 20P
[Old version datasheet]   8 BIT BINARY COUNTERS WITH INPUT REGISTERS
SN54LS590 TI1-SN54LS590_16 Datasheet
894Kb / 16P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com