Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS21963 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # PS21963
Description  Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS21963 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  PS21963 Datasheet HTML 1Page - Powerex Power Semiconductors PS21963 Datasheet HTML 2Page - Powerex Power Semiconductors PS21963 Datasheet HTML 3Page - Powerex Power Semiconductors PS21963 Datasheet HTML 4Page - Powerex Power Semiconductors PS21963 Datasheet HTML 5Page - Powerex Power Semiconductors PS21963 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PS21963, PS21963-A, PS21963-C
Intellimod™ Module
Dual-In-Line Intelligent Power Module
10 Amperes/600 Volts
2
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Absolute Maximum Ratings, Tj = 25°C unless otherwise specified
PS21963, PS21963-A
Characteristics
Symbol
PS21963-C
Units
Power Device Junction Temperature*
Tj
-20 to 150
°C
Storage Temperature
Tstg
-40 to 125
°C
Case Operating Temperature (Note 1)
TC
-20 to 100
°C
Mounting Torque, M3 Mounting Screws
6
in-lb
Module Weight (Typical)
10
Grams
Heatsink Flatness (Note 2)
-50 to 100
µm
Self-protection Supply Voltage Limit (Short Circuit Protection Capability)**
VCC(prot.)
400
Volts
Isolation Voltage, AC 1 minute, 60Hz Sinusoidal, Connection Pins to Heatsink Plate
VISO
1500
Volts
*The ma ximum junction temperature rating of the power chips integrated within the DIP-IPM is 150°C (@TC ≤ 100°C). However, to ensure safe operation of the DIP-IPM,
the average junction temperature should be limited to Tj(avg) ≤125°C (@TC ≤ 100°C).
**VD = 13.5 ~ 16.5V, Inverter Part, Tj = 125°C, Non-repetitive, Less than 2µs
IGBT Inverter Sector
Collector-Emitter Voltage
VCES
600
Volts
Each Collector Current, ± (TC = 25°C)
IC
10
Amperes
Each Peak Collector Current, ± (TC = 25°C, Less than 1ms)
ICP
20
Amperes
Supply Voltage (Applied between P - N)
VCC
450
Volts
Supply Voltage, Surge (Applied between P - N)
VCC(surge)
500
Volts
Collector Dissipation (TC = 25°C, per 1 Chip)
PC
27
Watts
Control Sector
Supply Voltage (Applied between VP1-VNC, VN1-VNC)
VD
20
Volts
Supply Voltage (Applied between VUFB-U, VVFB-V, VWFB-W)
VDB
20
Volts
Input Voltage (Applied between UP, VP, WP-VNC, UN, VN, WN-VNC)
VIN
-0.5 ~ VD+0.5
Volts
Fault Output Supply Voltage (Applied between FO-VNC)
VFO
-0.5 ~ VD+0.5
Volts
Fault Output Current (Sink Current at FO Terminal)
IFO
1
mA
Current Sensing Input Voltage (Applied between CIN-VNC)
VSC
-0.5 ~ VD+0.5
Volts
Note 1 – TC Measure Point
FWDi
CHIP
POWER TERMINALS
CONTROL TERMINALS
IGBT
CHIP
HEATSINK SIDE
TC POINT
11.6mm
3.0mm
DIP-IPM
HEATSINK
MEASUREMENT POINT
4.6mm
PLACE TO CONTACT
A HEATSINK
HEATSINK
+
+
Note 2 – Flatness Measurement Position


Similar Part No. - PS21963

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS21963-4 POWEREX-PS21963-4 Datasheet
974Kb / 10P
   Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
logo
Mitsubishi Electric Sem...
PS21963-4 MITSUBISHI-PS21963-4 Datasheet
179Kb / 10P
   600V/10A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
logo
Powerex Power Semicondu...
PS21963-4A POWEREX-PS21963-4A Datasheet
974Kb / 10P
   Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
logo
Mitsubishi Electric Sem...
PS21963-4A MITSUBISHI-PS21963-4A Datasheet
179Kb / 10P
   600V/10A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21963-4AE MITSUBISHI-PS21963-4AE Datasheet
185Kb / 10P
   Dual-In-Line Package Intelligent Power Module
More results

Similar Description - PS21963

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS21563-SP POWEREX-PS21563-SP Datasheet
221Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
PS21563 POWEREX-PS21563 Datasheet
83Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (10 Amperes/600 Volts)
PS21563-PP POWEREX-PS21563-PP Datasheet
346Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
PS21353-G POWEREX-PS21353-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (10 Amperes/600 Volts)
PS21553-G POWEREX-PS21553-G Datasheet
73Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (10 Amperes/600 Volts)
PS21963-4 POWEREX-PS21963-4 Datasheet
974Kb / 10P
   Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
PS21342-G POWEREX-PS21342-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21552-G POWEREX-PS21552-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21564 POWEREX-PS21564 Datasheet
83Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (15 Amperes/600 Volts)
PS21867-P POWEREX-PS21867-P Datasheet
266Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 30 Amperes/600 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com