Electronic Components Datasheet Search |
|
OPA237UA Datasheet(PDF) 3 Page - Burr-Brown (TI) |
|
|
OPA237UA Datasheet(HTML) 3 Page - Burr-Brown (TI) |
3 / 19 page OPA237 OPA2237 OPA4237 SBOS057A − OCTOBER 1996 − REVISED FEBRUARY 2007 www.ti.com 3 ELECTRICAL CHARACTERISTICS: VS = +5V Boldface limits apply over the specified temperature range, TA = −40°C to +85°C. At TA = +25°C, VS = +5V, RL = 10kΩ, connected to VS/2, unless otherwise noted. OPA237UA, NA OPA2237UA, EA OPA4237UA PARAMETER CONDITIONS MIN TYP MAX UNITS OFFSET VOLTAGE Input Offset Voltage VCM = 2.5V ±250 ±750 µV vs Temperature(1) Specified Temperature Range +2 +5 µV/°C vs Power Supply (PSRR) VS = +2.7V to +36V 10 30 µV/V Channel Separation (dual and quad) 0.5 µV/V INPUT BIAS CURRENT Input Bias Current(2) VCM = 2.5V −10 −40 nA Input Offset Current VCM = 2.5V ±0.5 ±10 nA NOISE Input Voltage Noise, f = 0.1 to 10Hz 1 µVPP Input Voltage Noise Density, f = 1kHz 28 nV/ √Hz Current Noise Density, f = 1kHz 60 fA/ √Hz INPUT VOLTAGE RANGE Common-Mode Voltage Range −0.2 (V+) −1.5 V Common-Mode Rejection Ratio VCM = −0.2V to 3.5V 78 86 dB INPUT IMPEDANCE Differential 5 • 106 || 4 Ω || pF Common-Mode 5 • 109 || 2 Ω || pF OPEN-LOOP GAIN Open-Loop Voltage Gain VO = 0.5V to 4V 80 88 dB FREQUENCY RESPONSE Gain-Bandwidth Product 1.4 MHz Slew Rate G = 1 0.5 V/ µs Settling Time, 0.1% G = −1, 3V Step, CL = 100pF 11 µs 0.01% G = −1, 3V Step, CL = 100pF 16 µs OUTPUT Voltage Output, Positive RL = 100kΩ to Ground (V+) −1 (V+) −0.75 V Negative RL = 100kΩ to Ground 0.01 0.001 V Positive RL = 100kΩ to 2.5V (V+) −1 (V+) −0.75 V Negative RL = 100kΩ to 2.5V 0.12 0.04 V Positive RL = 10kΩ to 2.5V (V+) −1 (V+) −0.75 V Negative RL = 10kΩ to 2.5V 0.5 0.35 V Short-Circuit Current −10/+4 mA Capacitive Load Drive (stable operation) See Typical Characteristic Curves POWER SUPPLY Specified Operating Voltage +5 V Operating Range +2.7 +36 V Quiescent Current (per amplifier) 170 350 µA TEMPERATURE RANGE Specified Range −40 +85 °C Operating Range −55 +125 °C Storage Range −55 +125 °C Thermal Resistance, qJA SOT23-5 200 °C/W MSOP-8 150 °C/W SSOP-16 (Obsolete) 150 °C/W SO-8 150 °C/W (1) Specified by wafer-level test to 95% confidence. (2) Positive conventional current flows into the input terminals. |
Similar Part No. - OPA237UA |
|
Similar Description - OPA237UA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |