Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA237 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA237
Description  SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA237 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button OPA237_07 Datasheet HTML 2Page - Burr-Brown (TI) OPA237_07 Datasheet HTML 3Page - Burr-Brown (TI) OPA237_07 Datasheet HTML 4Page - Burr-Brown (TI) OPA237_07 Datasheet HTML 5Page - Burr-Brown (TI) OPA237_07 Datasheet HTML 6Page - Burr-Brown (TI) OPA237_07 Datasheet HTML 7Page - Burr-Brown (TI) OPA237_07 Datasheet HTML 8Page - Burr-Brown (TI) OPA237_07 Datasheet HTML 9Page - Burr-Brown (TI) OPA237_07 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
OPA237
OPA2237
OPA4237
SBOS057A − OCTOBER 1996 − REVISED FEBRUARY 2007
www.ti.com
6
TYPICAL CHARACTERISTICS
At TA = +25°C and RL = 10kΩ, unless otherwise noted.
OPEN−LOOP GAIN/PHASE vs FREQUENCY
1
100
80
60
40
20
0
−20
0
−45
−90
−135
−180
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
C
L = 100pF
V
S = ±15V
V
S = +2.7V, +5V
Φ
G
POWER SUPPLY and COMMON−MODE REJECTION
vs FREQUENCY
120
100
80
60
40
20
0
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
+PSR (V
S =+5V, ±15V)
CMR (V
S = +2.7V, +5V or ± 15V)
+PSR
(V
S = +2.7V)
−PSR
(V
S = ± 15V)
INPUT NOISE AND CURRENT NOISE
SPECTRAL DENSITY vs FREQUENCY
1
1k
100
10
Frequency (Hz)
10
100
1k
10k
100k
Current Noise
Voltage Noise
CHANNEL SEPARATION vs FREQUENCY
Frequency (Hz)
130
120
110
100
90
80
10
100
1k
10k
100k
Dual and quad devices.
G = 1, all channels.
Quad measured channel
Ato D or B to C
 other
combinations yield improved
rejection.
INPUT BIAS CURRENT vs TEMPERATURE
Temperature (
_C)
14
12
10
8
6
4
−75
−50
−25
0
25
50
75
100
125
V
S = +2.7V, +5V
V
S = ±15V
INPUT BIAS CURRENT
vs INPUT COMMON−MODE VOLTAGE
−12
−11
−10
−9
−8
−7
−6
Common−Mode Voltage (V)
−15
−10
−50
510
15
V
S = ±15V
V
S =+5V
V
S = +2.7V


Similar Part No. - OPA237_07

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2373 BURR-BROWN-OPA2373 Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
Texas Instruments
OPA2373 TI1-OPA2373 Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Operational Amplifier
logo
Burr-Brown (TI)
OPA2373AIDGSR BURR-BROWN-OPA2373AIDGSR Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
Texas Instruments
OPA2373AIDGSR TI1-OPA2373AIDGSR Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Operational Amplifier
logo
Burr-Brown (TI)
OPA2373AIDGST BURR-BROWN-OPA2373AIDGST Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
More results

Similar Description - OPA237_07

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA237 NSC-OPA237 Datasheet
1Mb / 22P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Texas Instruments
OPA237 TI1-OPA237 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237 Datasheet
217Kb / 10P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA237 TI-OPA237 Datasheet
176Kb / 12P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Burr-Brown (TI)
OPA244 BURR-BROWN-OPA244 Datasheet
224Kb / 11P
   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA338NA250 TI1-OPA338NA250 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Burr-Brown (TI)
OPA337 BURR-BROWN-OPA337 Datasheet
179Kb / 9P
   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA336 TI1-OPA336_17 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Burr-Brown (TI)
OPA2336 BURR-BROWN-OPA2336 Datasheet
621Kb / 17P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Texas Instruments
OPA336NA3K TI1-OPA336NA3K Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com