Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT6221-SPTD-G Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT6221-SPTD-G
Description  300mA CMOS Dual LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT6221-SPTD-G Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT6221-SPTD-G Datasheet HTML 3Page - Catalyst Semiconductor CAT6221-SPTD-G Datasheet HTML 4Page - Catalyst Semiconductor CAT6221-SPTD-G Datasheet HTML 5Page - Catalyst Semiconductor CAT6221-SPTD-G Datasheet HTML 6Page - Catalyst Semiconductor CAT6221-SPTD-G Datasheet HTML 7Page - Catalyst Semiconductor CAT6221-SPTD-G Datasheet HTML 8Page - Catalyst Semiconductor CAT6221-SPTD-G Datasheet HTML 9Page - Catalyst Semiconductor CAT6221-SPTD-G Datasheet HTML 10Page - Catalyst Semiconductor CAT6221-SPTD-G Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CAT6221
© Catalyst Semiconductor, Inc.
7
Doc. No. MD-10001 Rev. A
Characteristics subject to change without notice
TRANSIENT CHARACTERISTICS (shown for 2.8V/1.8V outputs option)
VIN = 3.8V, IOUT = 100µA, EN1 = EN2 = VIN, CIN = COUT = 1µF, TA = 25°C unless otherwise specified.
Note: All transient characteristics are generated using the evaluation board CAT6221EVAL1.
Enable Turn-On (100µA Loads)
Enable Turn-Off (100µA Loads)
Enable Turn-On (300mA/100μA Loads)
Enable Turn-Off (300mA/100µA Loads)
Enable Turn-On (100μA/300mA Loads)
Enable Turn-Off (100μA/300mA Loads)


Similar Part No. - CAT6221-SPTD-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6221-SPTD-GT3 ONSEMI-CAT6221-SPTD-GT3 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
More results

Similar Description - CAT6221-SPTD-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6218 CATALYST-CAT6218_08 Datasheet
274Kb / 10P
   300mA CMOS LDO Regulator
CAT6218 CATALYST-CAT6218 Datasheet
267Kb / 10P
   300mA CMOS LDO Regulator
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3242 AAT-AAT3242 Datasheet
265Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242_08 Datasheet
1Mb / 15P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Richtek Technology Corp...
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com