Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT25010LIT3 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT25010LIT3
Description  1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25010LIT3 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT25010LIT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT25010LIT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT25010LIT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT25010LIT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT25010LIT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT25010LIT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT25010LIT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT25010LIT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT25010LIT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
CAT25010, CAT25020, CAT25040
© Catalyst Semiconductor, Inc.
3
Doc. No. MD-1006 Rev. T
Characteristics subject to change without notice
A.C. CHARACTERISTICS
TA = -40°C to +125°C, unless otherwise specified.
(1)
VCC = 1.8V-5.5V
VCC = 2.5V-5.5V
TA= -40°C to +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
fSCK
Clock Frequency
DC
5
DC
10
MHz
tSU
Data Setup Time
30
20
ns
tH
Data Hold Time
30
20
ns
tWH
SCK High Time
75
40
ns
tWL
SCK Low Time
75
40
ns
tLZ
HOLD
¯¯¯¯¯ to Output Low Z
50
25
ns
tRI
(2)
Input Rise Time
2
2
µs
tFI
(2)
Input Fall Time
2
2
µs
tHD
HOLD
¯¯¯¯¯ Setup Time
0
0
ns
tCD
HOLD
¯¯¯¯¯ Hold Time
10
10
ns
tV
Output Valid from Clock Low
75
40
ns
tHO
Output Hold Time
0
0
ns
tDIS
Output Disable Time
50
20
ns
tHZ
HOLD
¯¯¯¯¯ to Output High Z
100
25
ns
tCS
CS
¯¯ High Time
50
15
ns
tCSS
CS
¯¯ Setup Time
50
15
ns
tCSH
CS
¯¯ Hold Time
50
15
ns
tWPS
WP
¯¯¯ Setup Time
10
10
ns
tWPH
WP
¯¯¯ Hold Time
10
10
ns
tWC
(4)
Write Cycle Time
5
5
ms
Power-Up Timing
(2)(3)
Symbol
Parameter
Max.
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms
Notes:
(1) AC Test Conditions:
Input Pulse Voltages: 0.3VCC to 0.7VCC
Input rise and fall times: ≤ 10ns
Input and output reference voltages: 0.5VCC
Output load: current source IOL max/IOH max; CL = 50pF
(2) This parameter is tested initially and after a design or process change that affects the parameter.
(3) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
(4) tWC is the time from the rising edge of CS
¯¯ after a valid write sequence to the end of the internal write cycle.


Similar Part No. - CAT25010LIT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25010LIT3 CATALYST-CAT25010LIT3 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
More results

Similar Description - CAT25010LIT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25010YI-G ONSEMI-CAT25010YI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010_12 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25040LI-G ONSEMI-CAT25040LI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010_15 Datasheet
131Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 25
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com