Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD08D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD08D
Description  WIDE SUPPLY RANGE RS-485 TRANSCEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD08D Datasheet(HTML) 1 Page - Texas Instruments

  SN65HVD08D Datasheet HTML 1Page - Texas Instruments SN65HVD08D Datasheet HTML 2Page - Texas Instruments SN65HVD08D Datasheet HTML 3Page - Texas Instruments SN65HVD08D Datasheet HTML 4Page - Texas Instruments SN65HVD08D Datasheet HTML 5Page - Texas Instruments SN65HVD08D Datasheet HTML 6Page - Texas Instruments SN65HVD08D Datasheet HTML 7Page - Texas Instruments SN65HVD08D Datasheet HTML 8Page - Texas Instruments SN65HVD08D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
1
2
3
4
8
7
6
5
R
RE
DE
D
VCC
B
A
GND
D or P PACKAGE
(TOP VIEW)
LOGIC DIAGRAM (Positive Logic)
D
A
DE
RE
R
B
SN75HVD08, SN65HVD08
SLLS550C – NOVEMBER 2002 – REVISED JULY 2006
WIDE SUPPLY RANGE RS-485 TRANSCEIVER
The
driver
differential
outputs
and
receiver
differential inputs connect
internally
to
form
a
Operates With a 3-V to 5.5-V Supply
differential input/output (I/O) bus port that is designed
Consumes Less Than 90 mW Quiescent
to offer minimum loading to the bus whenever the
Power
driver is disabled or not powered. The drivers and
receivers have active-high and active-low enables
Open-Circuit, Short Circuit, and Idle-Bus
respectively, which can be externally connected
Failsafe Receiver
together to function as a direction control.
1/8th Unit-Load (up to 256 nodes on the bus)
Bus-Pin ESD Protection Exceeds 16 kV HBM
Driver Output Voltage Slew-Rate Limited for
Optimum Signal Quality at 10 Mbps
Electrically Compatible With ANSI
TIA/EIA-485 Standard
Data Transmission With Remote Stations
Powered From the Host
Isolated Multipoint Data Buses
Industrial Process Control Networks
Point-of-Sale Networks
Electric Utility Metering
The SN65HVD08 combines a 3-state differential line
driver and differential line receiver designed for
balanced data transmission and interoperation with
ANSI
TIA/EIA-485-A
and
ISO-8482E
standard-compliant devices.
The wide supply voltage range and low quiescent
current requirements allow the SN65HVD08s to
operate from a 5-V power bus in the cable with as
much as a 2-V line voltage drop. Busing power in the
cable can alleviate the need for isolated power to be
generated at each connection of a ground-isolated
bus.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65HVD08D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD08D TI-SN65HVD08D Datasheet
316Kb / 17P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
SN65HVD08D TI-SN65HVD08D Datasheet
446Kb / 19P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
SN65HVD08DG4 TI-SN65HVD08DG4 Datasheet
316Kb / 17P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
SN65HVD08DG4 TI-SN65HVD08DG4 Datasheet
446Kb / 19P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
SN65HVD08DR TI-SN65HVD08DR Datasheet
316Kb / 17P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
More results

Similar Description - SN65HVD08D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75HVD08 TI-SN75HVD08_08 Datasheet
446Kb / 19P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
SN75HVD08 TI-SN75HVD08 Datasheet
316Kb / 17P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
logo
Exar Corporation
XR33202 EXAR-XR33202_17 Datasheet
670Kb / 16P
   Wide Supply RS-485/RS-422 Transceiver with 1.65V-5.5V I/O Interface
XR33032 EXAR-XR33032 Datasheet
403Kb / 19P
   WIDE SUPPLY 18V TOLERANT RS-485/RS-422 TRANSCEIVERS
logo
Mitsubishi Electric Sem...
M75176P MITSUBISHI-M75176P Datasheet
166Kb / 9P
   RS-485 TRANSCEIVER
logo
Exar Corporation
XR33202 EXAR-XR33202 Datasheet
299Kb / 7P
   Wide Supply TIA-485/TIA-422 Transceiver
logo
Analog Devices
ADM2483 AD-ADM2483_15 Datasheet
322Kb / 20P
   Isolated RS-485 Transceiver
REV. C
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Shanghai Leiditech Elec...
SP3085 LEIDITECH-SP3085 Datasheet
2Mb / 10P
   RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
logo
Texas Instruments
SN65HVD82 TI1-SN65HVD82 Datasheet
466Kb / 23P
[Old version datasheet]   Robust RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com