Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT93C86LI-1.8-GT3 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT93C86LI-1.8-GT3
Description  16K-Bit Microwire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C86LI-1.8-GT3 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT93C86LI-1.8-GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT93C86LI-1.8-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C86LI-1.8-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C86LI-1.8-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C86LI-1.8-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C86LI-1.8-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C86LI-1.8-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C86LI-1.8-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C86LI-1.8-GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
CAT93C86
Doc. No. 1091, Rev. O
D.C. OPERATING CHARACTERISTICS
VCC = +1.8V to +5.5V, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
ICC1
Power Supply Current
fSK = 1MHz
3
mA
(Write)
VCC = 5.0V
ICC2
Power Supply Current
fSK = 1MHz
500
µA
(Read)
VCC = 5.0V
ISB1
Power Supply Current
CS = 0V
10
µA
(Standby) (x8 Mode)
ORG=GND
ISB2
Power Supply Current
CS=0V
0
10
µA
(Standby) (x16Mode)
ORG=Float or VCC
ILI
Input Leakage Current
VIN = 0V to VCC
1
µA
ILO
Output Leakage Current
VOUT = 0V to VCC,1
µA
(Including ORG pin)
CS = 0V
VIL1
Input Low Voltage
4.5V
≤ VCC < 5.5V
-0.1
0.8
V
VIH1
Input High Voltage
4.5V
≤ VCC < 5.5V
2
VCC + 1
V
VIL2
Input Low Voltage
1.8V
≤ VCC < 4.5V
0
VCC x 0.2
V
VIH2
Input High Voltage
1.8V
≤ VCC < 4.5V
VCC x 0.7
VCC+1
V
VOL1
Output Low Voltage
4.5V
≤ VCC < 5.5V
0.4
V
IOL = 2.1mA
VOH1
Output High Voltage
4.5V
≤ VCC < 5.5V
2.4
V
IOH = -400
µA
VOL2
Output Low Voltage
1.8V
≤ VCC < 4.5V
0.2
V
IOL = 1mA
VOH2
Output High Voltage
1.8V
≤ VCC < 4.5V
VCC - 0.2
V
IOH = -100
µA
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias .................. -55
°C to +125°C
Storage Temperature ........................ -65
°C to +150°C
Voltage on any Pin with
Respect to Ground(1) ............. -2.0V to +VCC +2.0V
VCC with Respect to Ground ................ -2.0V to +7.0V
Package Power Dissipation
Capability (TA = 25
°C) ................................... 1.0W
Lead Soldering Temperature (10 secs) ............ 300
°C
Output Short Circuit Current(2) ........................ 100 mA
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of
the device at these or any other conditions outside of those
listed in the operational sections of this specification is not
implied. Exposure to any absolute maximum rating for
extended periods may affect device performance and
reliability.
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Reference Test Method
Min
Typ
Max
Units
NEND(3)
Endurance
MIL-STD-883, Test Method 1033
1,000,000
Cycles/Byte
TDR(3)
Data Retention
MIL-STD-883, Test Method 1008
100
Years
VZAP(3)
ESD Susceptibility
MIL-STD-883, Test Method 3015
2000
Volts
ILTH(3)(4)
Latch-Up
JEDEC Standard 17
100
mA
Note:
(1) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20 ns. Maximum DC
voltage on output pins is VCC +0.5V, which may overshoot to VCC +2.0V for periods of less than 20 ns.
(2) Output shorted for no more than one second. No more than one output shorted at a time.
(3) This parameter is tested initially and after a design or process change that affects the parameter.
(4) Latch-up protection is provided for stresses up to 100 mA on address and data pins from –1V to VCC +1V.


Similar Part No. - CAT93C86LI-1.8-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C86LI-1.8TE13 CATALYST-CAT93C86LI-1.8TE13 Datasheet
409Kb / 9P
   16K-Bit Microwire Serial EEPROM
More results

Similar Description - CAT93C86LI-1.8-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86 Datasheet
409Kb / 9P
   16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86 ONSEMI-CAT93C86 Datasheet
121Kb / 13P
   16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
CAT93C86-C ONSEMI-CAT93C86-C Datasheet
620Kb / 13P
   16K-Bit Microwire Serial EEPROM
Rev. S
logo
Microchip Technology
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
   16K Microwire Compatible Serial EEPROM
01/26/04
93AA86A MICROCHIP-93AA86A Datasheet
494Kb / 28P
   16K Microwire Compatible Serial EEPROM
2005
93AA86A MICROCHIP-93AA86A_12 Datasheet
776Kb / 38P
   16K Microwire Compatible Serial EEPROM
11/29/11
logo
Fairchild Semiconductor
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C86A FAIRCHILD-FM93C86A Datasheet
111Kb / 12P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com