Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT6219 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT6219
Description  500mA CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT6219 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT6219 Datasheet HTML 1Page - Catalyst Semiconductor CAT6219 Datasheet HTML 2Page - Catalyst Semiconductor CAT6219 Datasheet HTML 3Page - Catalyst Semiconductor CAT6219 Datasheet HTML 4Page - Catalyst Semiconductor CAT6219 Datasheet HTML 5Page - Catalyst Semiconductor CAT6219 Datasheet HTML 6Page - Catalyst Semiconductor CAT6219 Datasheet HTML 7Page - Catalyst Semiconductor CAT6219 Datasheet HTML 8Page - Catalyst Semiconductor CAT6219 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CAT6219
© 2007 Catalyst Semiconductor, Inc.
5
Doc. No. 10009 Rev. A
Characteristics subject to change without notice
0
10
20
30
40
50
60
70
80
1.0E+01
1.0E+02
1.0E+03
1.0E+04
1.0E+05
FREQUENCY [Hz]
TYPICAL CHARACTERISTICS (shown for 2.85V output option)
VIN = 3.85V, IOUT = 100μA, CIN = 1µF, COUT = 2.2μF, CBYP = 10nF, TA = 25°C unless otherwise specified.
Output Short-circuit Current vs. Input Voltage
0
100
200
300
400
500
600
700
800
900
1000
012345
INPUT VOLTAGE (V)
Ground Current vs. Input Voltage
0
10
20
30
40
50
60
70
0 0.511.522.5 33.544.55 5.5
INPUT VOLTAGE (V)
Dropout vs. Temperature (500mA Load)
200
250
300
350
400
450
500
-40 -20
0
20
40
60
80 100 120 140
TEMPERATURE (°C)
Dropout vs. Load Current
0
50
100
150
200
250
300
350
400
0
50 100 150 200 250 300 350 400 450 500
OUTPUT LOAD CURRENT (mA)
Enable Threshold vs. Input Voltage
0
0.4
0.8
1.2
1.6
22.5
33.5
44.5
55.5
INPUT VOLTAGE (V)
PSRR vs. Frequency (10mA Load)
VOUT = 0
CBYP = 10nF
CBYP = 0


Similar Part No. - CAT6219

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
logo
ON Semiconductor
CAT6219 ONSEMI-CAT6219 Datasheet
179Kb / 9P
   500 mA CMOS LDO Regulator
February, 2010 ??Rev. 9
logo
Catalyst Semiconductor
CAT6219-125TD-GT3 CATALYST-CAT6219-125TD-GT3 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
logo
ON Semiconductor
CAT6219-125TDGT3 ONSEMI-CAT6219-125TDGT3 Datasheet
179Kb / 9P
   500 mA CMOS LDO Regulator
February, 2010 ??Rev. 9
CAT6219-125TDGT3 ONSEMI-CAT6219-125TDGT3 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
More results

Similar Description - CAT6219

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218_16 Datasheet
233Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
Rohm
BU12TH5WNVX-1 ROHM-BU12TH5WNVX-1 Datasheet
2Mb / 24P
   FULL CMOS LDO Regulator (500mA)
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218 Datasheet
181Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
List of Unclassifed Man...
GS2905 ETC1-GS2905 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
   500mA CMOS LDO Linear Regulator
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
logo
ON Semiconductor
NCP605 ONSEMI-NCP605_13 Datasheet
137Kb / 13P
   500mA, Low IGND, CMOS LDO Regulator
January, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com