Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-B3CA4.5Z-B10 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # FTR-B3CA4.5Z-B10
Description  MINIATURE RELAY 2-CONTA CT 1A (FOR SWITCHING SIGNALS)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-B3CA4.5Z-B10 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button FTR-B3CA4.5Z-B10 Datasheet HTML 3Page - Fujitsu Component Limited. FTR-B3CA4.5Z-B10 Datasheet HTML 4Page - Fujitsu Component Limited. FTR-B3CA4.5Z-B10 Datasheet HTML 5Page - Fujitsu Component Limited. FTR-B3CA4.5Z-B10 Datasheet HTML 6Page - Fujitsu Component Limited. FTR-B3CA4.5Z-B10 Datasheet HTML 7Page - Fujitsu Component Limited. FTR-B3CA4.5Z-B10 Datasheet HTML 8Page - Fujitsu Component Limited. FTR-B3CA4.5Z-B10 Datasheet HTML 9Page - Fujitsu Component Limited. FTR-B3CA4.5Z-B10 Datasheet HTML 10Page - Fujitsu Component Limited. FTR-B3CA4.5Z-B10 Datasheet HTML 11Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Ftr-B3 series
n
paCKaGING speCIFICatIONs
l
packaging Method
- Packaging Standard: JIS C 0806
- Taping Type: TB 1612
- Reel Type: R16D
- Quantity of 1reel: 1000 pieces
l
Packaging Orientation Code:B
Orientation mark side
Feeding
l
(2) Dimensions
- Reel dimensions
Top cover tape
Embossed carrier tape
l
Tape Dimensions
Note: Relays are sold in packs of 1000 pieces,
please order 1000 pieces as one unit.
Unit: mm
n
reCOMMeNDeD sOLDerING CONDItIONs
(teMperature prOFILe)
IRS (Infrared Reflow Soldering)
T 3
T 2
T
T 3= 245C max.
T 2= 200C max.
T= 165C max.
0
soldering
preheating
cooling
120 sec maximum 30 sec
Max.
VPS (Vapor Phase Soldering)
T 3
T 2
T
T 3= 200C maximum
T 2= 165C maximum
T= 100C maximum
0
soldering
preheating
cooling
90 sec Max.
60 sec Max.
60 sec Max.
215C maximum
Note: 1.Temperature profiles show the temperature of PC board surface.
2.Please perform soldering test with your actual PC board before mass production, since the temperatures of
PC board surfaces vary according to the size of PC board, status of parts mounting and heating method.
n
preCautIONs
- For details on general precautions, refer to the section on technical descriptions.
- Since this is a polar relay, follow the instructions of the internal wiring diagram for the +- connections of the coil.
- Note that the terminal array and internal wiring of the surface mount relay are a top view


Similar Part No. - FTR-B3CA4.5Z-B10

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B3CA4.5Z FUJITSU-FTR-B3CA4.5Z Datasheet
1Mb / 13P
   ULTRA MINIATURE 2-POLES 2A (LOW PROFILE SIGNAL RELAY)
More results

Similar Description - FTR-B3CA4.5Z-B10

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
RY-12WZ-K LITEON-RY-12WZ-K Datasheet
428Kb / 9P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING) RY SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com