Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF2204SPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRF2204SPBF
Description  HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 3.6m廓 , ID = 170A )
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF2204SPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRF2204SPBF Datasheet HTML 4Page - International Rectifier IRF2204SPBF Datasheet HTML 5Page - International Rectifier IRF2204SPBF Datasheet HTML 6Page - International Rectifier IRF2204SPBF Datasheet HTML 7Page - International Rectifier IRF2204SPBF Datasheet HTML 8Page - International Rectifier IRF2204SPBF Datasheet HTML 9Page - International Rectifier IRF2204SPBF Datasheet HTML 10Page - International Rectifier IRF2204SPBF Datasheet HTML 11Page - International Rectifier IRF2204SPBF Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
IRF2204S/LPbF
10
www.irf.com
TO-262 Part Marking Information
TO-262 Package Outline
Dimensions are shown in millimeters (inches)
AS S E MB LY
LOT CODE
RE CT IF IE R
INT E RNAT IONAL
AS S E MB L E D ON WW 19, 1997
Note: "P" in as s embly line
pos ition indicates "Lead-F ree"
IN T HE AS S E MB L Y LINE "C"
LOGO
T HIS IS AN IRL3103L
LOT CODE 1789
EXAMPLE:
LINE C
DAT E CODE
WE E K 19
YE AR 7 = 1997
PART NU MB E R
PART NUMB E R
LOGO
LOT CODE
AS S E MB LY
INT E RNAT IONAL
RE CT IF IE R
PR ODU CT (OPT IONAL)
P = DE S IGNAT E S LE AD-F RE E
A = AS SE MB LY SIT E CODE
WE E K 19
YE AR 7 = 1997
DAT E CODE
OR


Similar Part No. - IRF2204SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF2204SPBF IRF-IRF2204SPBF Datasheet
329Kb / 11P
   Advanced Process Technology
IRF2204SPBF IRF-IRF2204SPBF_15 Datasheet
329Kb / 11P
   Advanced Process Technology
More results

Similar Description - IRF2204SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1704 IRF-IRF1704 Datasheet
102Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=170A??
IRFR4104PBF IRF-IRFR4104PBF Datasheet
273Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 5.5m廓 , ID = 42A )
IRL1404PBF IRF-IRL1404PBF Datasheet
133Kb / 9P
   HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 4.0m廓 , ID = 160A )
IRFPS3810 IRF-IRFPS3810 Datasheet
124Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.009ohm, Id=170A??
IRF1407SPBF IRF-IRF1407SPBF Datasheet
258Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078廓 , ID = 100A )
IRFZ44VZPBF IRF-IRFZ44VZPBF Datasheet
355Kb / 13P
   HEXFET짰 Power MOSFET ( VDSS = 60V , RDS(on) = 12m廓 , ID = 57A )
IRFR5305PBF IRF-IRFR5305PBF Datasheet
248Kb / 11P
   HEXFET짰 Power MOSFET ( VDSS = -55V , RDS(on) = 0.065廓 , ID = -31A )
IRFP054VPBF IRF-IRFP054VPBF Datasheet
176Kb / 9P
   HEXFET짰 Power MOSFET ( VDSS = 60V , RDS(on) = 9.0m廓 , ID = 93A )
IRF1405ZS-7PPBF IRF-IRF1405ZS-7PPBF Datasheet
696Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 4.9m廓 , ID = 120A )
IRF3710SPBF IRF-IRF3710SPBF Datasheet
279Kb / 11P
   HEXFET짰 Power MOSFET ( VDSS = 100V , RDS(on) = 23m廓 , ID = 57A )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com