Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5115YI-10-G Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT5115YI-10-G
Description  32-Tap Digitally Programmable Potentiometer (DPP??
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5115YI-10-G Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT5115YI-10-G Datasheet HTML 3Page - Catalyst Semiconductor CAT5115YI-10-G Datasheet HTML 4Page - Catalyst Semiconductor CAT5115YI-10-G Datasheet HTML 5Page - Catalyst Semiconductor CAT5115YI-10-G Datasheet HTML 6Page - Catalyst Semiconductor CAT5115YI-10-G Datasheet HTML 7Page - Catalyst Semiconductor CAT5115YI-10-G Datasheet HTML 8Page - Catalyst Semiconductor CAT5115YI-10-G Datasheet HTML 9Page - Catalyst Semiconductor CAT5115YI-10-G Datasheet HTML 10Page - Catalyst Semiconductor CAT5115YI-10-G Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CAT5115
© Catalyst Semiconductor, Inc.
7
Doc. No. MD-2117 Rev. G
Characteristics subject to change without notice
Programmable Voltage Regulator
Programmable I to V Converter
Automatic Gain Control
Programmable Bandpass Filter
Programmable Current Source/Sink
CAT5111/5112
+5V
+5V
Serial
Bus
VS
+2.5V
+2.5V
+5V
2
7
7
5
6
3
11
1
+
R1
100k
R1
100k
A1 =A2 = LMC6064A
R
2.5k
IS
A2
R1
100k
R1
100k
+
+5V
R3
100k
R2
10k
R1
C2
C1
0.001µF
0.001µF
1µF
2
7
3
4
6
+
2
8
1
7
4
+5V
CAT5113/5114
DPP
VO
A1
VS
+2.5V
50k
+2.5V
VO
A1
+5V
IS
2
7
3
3
5
4
6
6
+
A2
LT1097
+5V
2
7
3
4
6
+
2
8
1
7
4
+5V
CAT5113/5114
DPP
pR (1-p)R
330Ω
330Ω
1MΩ
10k
+
+
+5V
+5V
CLO
R1
R3
R2
VLL
IC1
393
VUL
2
3
10k
OSC
IC2
74HC132
0.1µF
CHI
6
5
7
VS
0 ≤ VS ≤ 2.5V
2.5 ≤ VO ≤ 5V
VO
+2.5V
IC3
CAT5114/5113
AI
IC4
2
8
1
7
4
+5V
+5V
10k
5
6
3
INC
U/D
CS
1
1µF
100kΩ
2
8
1
7
4
5
6
+5V
Control
and
Memory
POR
2952
CAT5113/5114/5115
VOUT
FB
SD
SHUTDOWN
VIN (UNREG)
GND
0.1µF
6.8µF
R1
11kΩ
VO (REG)
R3
10kΩ
R2
820
3
1.23V


Similar Part No. - CAT5115YI-10-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5115YI-10-G ONSEMI-CAT5115YI-10-G Datasheet
693Kb / 14P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2117 Rev. I
CAT5115YI-10-GT3 ONSEMI-CAT5115YI-10-GT3 Datasheet
286Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2117 Rev. J
CAT5115YI-10-GT3 ONSEMI-CAT5115YI-10-GT3 Datasheet
200Kb / 12P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 11
More results

Similar Description - CAT5115YI-10-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114 Datasheet
41Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP)
logo
ON Semiconductor
CAT5127 ONSEMI-CAT5127 Datasheet
638Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2127 Rev. E
logo
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114_08 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5115 CATALYST-CAT5115_08 Datasheet
304Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5114 ONSEMI-CAT5114 Datasheet
297Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2007 Rev. S
logo
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114_07 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5127_0708 CATALYST-CAT5127_0708 Datasheet
232Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5115 ONSEMI-CAT5115 Datasheet
286Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2117 Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com