Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT525WI Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT525WI
Description  Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT525WI Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT525WI Datasheet HTML 2Page - Catalyst Semiconductor CAT525WI Datasheet HTML 3Page - Catalyst Semiconductor CAT525WI Datasheet HTML 4Page - Catalyst Semiconductor CAT525WI Datasheet HTML 5Page - Catalyst Semiconductor CAT525WI Datasheet HTML 6Page - Catalyst Semiconductor CAT525WI Datasheet HTML 7Page - Catalyst Semiconductor CAT525WI Datasheet HTML 8Page - Catalyst Semiconductor CAT525WI Datasheet HTML 9Page - Catalyst Semiconductor CAT525WI Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CAT525
Doc. No. MD-2001 Rev. F
6
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
PIN DESCRIPTION
Pin
Name
Function
1
VREFH2
Maximum DPP 2 output voltage
2
VREFH1
Maximum DPP 1 output voltage
3
VDD
Power supply positive
4
CLK
Clock input pin
5
RDY/BSY
¯¯¯¯ Ready/Busy output
6
CS
Chip select
7
DI
Serial data input pin
8
DO
Serial data output pin
9
PROG
Non-volatile Memory
Programming Enable Input
10
GND
Power supply ground
11
VREFL1
Minimum DPP 1 output voltage
12
VREFL2
Minimum DPP 2 output voltage
13
VREFL3
Minimum DPP 3 output voltage
14
VREFL4
Minimum DPP 4 output voltage
15
VOUT4
DPP 4 output
16
VOUT3
DPP 3 output
17
VOUT2
DPP 2 output
18
VOUT1
DPP 1 output
19
VREFH4
Maximum DPP 4 output voltage
20
VREFH3
Maximum DPP 3 output voltage
CDPP/DPP addressing is as follows:
DPP OUTPUT
A0
A1
VOUT1
0
0
VOUT2
1
0
VOUT3
0
1
VOUT4
1
1
DEVICE OPERATION
The CAT525 is a quad 8-bit configured digitally
programmable potentiometer (DPP/CDPP) whose
outputs can be programmed to any one of 256
individual voltage steps. Once programmed, these
output settings are retained in non-volatile memory
and will not be lost when power is removed from the
chip. Upon power up the DPPs return to the settings
stored in non-volatile memory. Each confitured DPP
can be written to and read from independently without
effecting the output voltage during the read or write
cycle.
Each output can also be adjusted without
altering the stored output setting, which is useful for
testing new output settings before storing them in
memory.
DIGITAL INTERFACE
The CAT525 employs a 3 wire serial, Microwire-like
control interface consisting of Clock (CLK), Chip
Select (CS) and Data In (DI) inputs.
For all
operations, address and data are shifted in LSB first.
In addition, all digital data must be preceded by a logic
“1” as a start bit. The DPP address and data are
clocked into the DI pin on the clock’s rising edge.
When sending multiple blocks of information a
minimum of two clock cycles is required between the
last block sent and the next start bit.
Multiple devices may share a common input data line
by selectively activating the CS control of the desired
IC. Data Outputs (DO) can also share a common line
because the DO pin is Tri-Stated and returns to a high
impedance when not in use.
CHIP SELECT
Chip Select (CS) enables and disables the CAT525’s
read and write operations. When CS is high data may
be read to or from the chip, and the Data Output (DO)
pin is active. Data loaded into the DPP wiper control
registers will remain in effect until CS goes low.
Bringing CS to a logic low returns all DPP outputs to
the settings stored in non-volatile memory and
switches DO to its high impedance Tri-State mode.
Because CS functions like a reset the CS pin has
been desensitized with a 30ns to 90ns filter circuit to
prevent noise spikes from causing unwanted resets
and the loss of volatile data.


Similar Part No. - CAT525WI

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT525WI CATALYST-CAT525WI Datasheet
256Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
logo
ON Semiconductor
CAT525WI ONSEMI-CAT525WI Datasheet
214Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
Doc. No. MD-2001 Rev. J
CAT525WI-T1 ONSEMI-CAT525WI-T1 Datasheet
214Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
Doc. No. MD-2001 Rev. J
logo
Catalyst Semiconductor
CAT525WI-TE10 CATALYST-CAT525WI-TE10 Datasheet
99Kb / 12P
   Configured Digitally Programmable Potentiometer
More results

Similar Description - CAT525WI

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT522_0710 CATALYST-CAT522_0710 Datasheet
237Kb / 15P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT524 CATALYST-CAT524 Datasheet
90Kb / 12P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT522 CATALYST-CAT522_07 Datasheet
236Kb / 15P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT523 CATALYST-CAT523 Datasheet
70Kb / 10P
   Configured Digitally Programmable Potentiometer (DPP): Programmable Voltage Applications
logo
ON Semiconductor
CAT521 ONSEMI-CAT521 Datasheet
213Kb / 13P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
Doc. No. MD-2003 Rev. I
logo
Catalyst Semiconductor
CAT521 CATALYST-CAT521_07 Datasheet
207Kb / 13P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT525 CATALYST-CAT525 Datasheet
82Kb / 12P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
logo
ON Semiconductor
CAT522 ONSEMI-CAT522 Datasheet
236Kb / 15P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
Doc. No. MD-2004 Rev. I
logo
Catalyst Semiconductor
CAT521 CATALYST-CAT521_04 Datasheet
73Kb / 10P
   Configured Digitally Programmable Potentiometer
CAT524 CATALYST-CAT524_04 Datasheet
105Kb / 13P
   Configured Digitally Programmable Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com