Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT524LI Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT524LI
Description  Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT524LI Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT524LI Datasheet HTML 3Page - Catalyst Semiconductor CAT524LI Datasheet HTML 4Page - Catalyst Semiconductor CAT524LI Datasheet HTML 5Page - Catalyst Semiconductor CAT524LI Datasheet HTML 6Page - Catalyst Semiconductor CAT524LI Datasheet HTML 7Page - Catalyst Semiconductor CAT524LI Datasheet HTML 8Page - Catalyst Semiconductor CAT524LI Datasheet HTML 9Page - Catalyst Semiconductor CAT524LI Datasheet HTML 10Page - Catalyst Semiconductor CAT524LI Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CAT524
© Catalyst Semiconductor, Inc.
7
Doc. No. MD-2006 Rev. G
Characteristics subject to change without notice
saved may already be resident in the DPP wiper
control register.
No clock is necessary upon system power-up. The
CAT524’s internal power-on reset circuitry loads data
from non-volatile memory to the DPPs without using
the external clock.
As data transfers are edge triggered clean clock
transitions are necessary to avoid falsely clocking
data into the control registers. Standard CMOS and
TTL logic families work well in this regard and it is
recommended that any mechanical switches used for
breadboarding or device evaluation purposes be
debounced by a flip-flop or other suitable debouncing
circuit.
VREF
VREF, the voltage applied between pins VREFH and
VREFL, sets the configured DPP’s Zero to Full Scale
output range where VREFL = Zero and VREFH = Full
Scale. VREF can span the full power supply range or
just a fraction of it. In typical applications VREFH and
VREFL are connected across the power supply rails.
When using less than the full supply voltage VREFH is
restricted to voltages between VDD and VDD/2 and
VREFL to voltages between GND and VDD/2.
READY/BUSY
¯¯¯¯¯
When saving data to non-volatile memory, the
Ready/Busy output (RDY/BSY
¯¯¯¯) signals the start and
duration of the non-volatile erase/write cycle. Upon
receiving a command to store data (PROG goes high)
RDY/BSY
¯¯¯¯ goes low and remains low until the
programming cycle is complete. During this time the
CAT524 will ignore any data appearing at DI and no
data will be output on DO.
RDY/BSY
¯¯¯¯ is internally ANDed with a low voltage
detector circuit monitoring VDD. If VDD is below the
minimum value required for non-volatile programming,
RDY/BSY
¯¯¯¯ will remain high following the program
command indicating a failure to record the desired
data in non-volatile memory.
DATA OUTPUT
Data is output serially by the CAT524, LSB first, via
the Data Out (DO) pin following the reception of a
start bit and two address bits by the Data Input (DI).
DO becomes active whenever CS goes high and
resumes its high impedance Tri-State mode when CS
returns low. Tri-Stating the DO pin allows several
524s to share a single serial data line and simplifies
interfacing multiple 524s to a microprocessor.
WRITING TO MEMORY
Programming the CAT524’s non-volatile memory is
accomplished through the control signals: Chip Select
(CS) and Program (PROG). With CS high, a start bit
followed by a two bit DPP address and eight data bits
are clocked into the DPP control register via the DI
pin. Data enters on the clock’s rising edge. The DPP
output changes to its new setting on the clock cycle
following D7, the last data bit.
Programming is achieved by bringing PROG high
sometime after the start bit and at least 150 ns prior to
the rising edge of the clock cycle immediately
following the D7 bit. Two clock cycles after the D7 bit
the DPP wiper control register will be ready to receive
the next set of address and data bits. The clock must
be kept running throughout the programming cycle.
Internal control circuitry takes care of ramping the
programming voltage for data transfer to the non-
volatile cells. The CAT524 non-volatile memory cells
will endure over 100,000 write cycles and will retain
data for a minimum of 20 years without being
refreshed.
Figure 1. Writing to Memory
D0
D1
D2
D3
D4
D5
D6
D7
A0
A1
D0
D1
D2
D3
D4
D5
D6
D7
1
NEW DPP DATA
CURRENT DPP DATA
CURRENT
DPP VALUE
NON-VOL ATILE
DPP
OUTPUT
PROG
DO
DI
CS
NEW
DPP VALUE
VOLATILE
NEW
DPP VALUE
NON-VOL ATILE
t
1
2
3
4
5
6
7
8
9
10
11
12
N
N+1 N+2
o
RDY/BSY


Similar Part No. - CAT524LI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT524LI ONSEMI-CAT524LI Datasheet
214Kb / 15P
   Quad Digitally Programmable Potentiometer (DPPtm) with 256 Taps and Microwire Interface
Doc. No. MD-2006 Rev. I
CAT524LI-T2 ONSEMI-CAT524LI-T2 Datasheet
214Kb / 15P
   Quad Digitally Programmable Potentiometer (DPPtm) with 256 Taps and Microwire Interface
Doc. No. MD-2006 Rev. I
logo
Catalyst Semiconductor
CAT524LI-TE10 CATALYST-CAT524LI-TE10 Datasheet
105Kb / 13P
   Configured Digitally Programmable Potentiometer
More results

Similar Description - CAT524LI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT525 ONSEMI-CAT525 Datasheet
214Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
Doc. No. MD-2001 Rev. J
logo
Catalyst Semiconductor
CAT525_0711 CATALYST-CAT525_0711 Datasheet
256Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
logo
ON Semiconductor
CAT523 ONSEMI-CAT523 Datasheet
201Kb / 15P
   Dual Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
Doc. No. MD-2005 Rev. I
logo
Catalyst Semiconductor
CAT523 CATALYST-CAT523_07 Datasheet
236Kb / 15P
   Dual Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
CAT5251 CATALYST-CAT5251_08 Datasheet
279Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5251 ONSEMI-CAT5251 Datasheet
252Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2017 Rev. H
logo
Catalyst Semiconductor
CAT5251 CATALYST-CAT5251 Datasheet
95Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP) with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT524 ONSEMI-CAT524 Datasheet
214Kb / 15P
   Quad Digitally Programmable Potentiometer (DPPtm) with 256 Taps and Microwire Interface
Doc. No. MD-2006 Rev. I
logo
Catalyst Semiconductor
CAT5259 CATALYST-CAT5259_08 Datasheet
283Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
logo
ON Semiconductor
CAT5259 ONSEMI-CAT5259 Datasheet
730Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com