Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT310 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT310
Description  10 Channel Automotive LED Display Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT310 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT310 Datasheet HTML 3Page - Catalyst Semiconductor CAT310 Datasheet HTML 4Page - Catalyst Semiconductor CAT310 Datasheet HTML 5Page - Catalyst Semiconductor CAT310 Datasheet HTML 6Page - Catalyst Semiconductor CAT310 Datasheet HTML 7Page - Catalyst Semiconductor CAT310 Datasheet HTML 8Page - Catalyst Semiconductor CAT310 Datasheet HTML 9Page - Catalyst Semiconductor CAT310 Datasheet HTML 10Page - Catalyst Semiconductor CAT310 Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CAT310
© Catalyst Semiconductor, Inc.
7
Doc No. 25087, Rev. 1
Characteristics subject to change without notice
FUNCTIONAL DESCRIPTION
The CAT310 implements a 10-bit serial-in shift
register for storing the setting of the ten outputs.
Serial input data SIN are clocked into the shift
register on the rising edge of the clock. At the
10th clock pulse, the first data bit entered is
outputted from the shift register to SOUT. The
following clock pulses will output the following
data bits onto SOUT. The output data pattern
replicates the input data stream with a delay of
ten clock pulses.
The 10-bit data pattern present in the shift
register is stored in the 10-bit data latch when
the latch signal XLAT is logic high. When XLAT
transitions to logic low, data are latched and
stay unchanged for as long as XLAT remains
low. The last serial input data corresponds to
OUT0. The serial input data that was received
10 clock pulse ago is stored in OUT9. When the
BLANK input is logic high, all the output
switches are in the off state. If the BLANK input
is low, the 10-bit data latches control the 10
output switches. A data bit value of zero keeps
the switch off. A data bit value of one keeps the
switch on.
Serial to Parallel Shift Register
CLK
SIN
Bit
0
Bit
1
Bit
2
Bit
3
Bit
4
Bit
5
Bit
6
Bit
7
Bit
8
Bit
9
SOUT
Data Latch
XLAT
LED
OUT0
LED
OUT1
LED
OUT2
LED
OUT3
LED
OUT4
LED
OUT5
LED
OUT6
LED
OUT7
LED
OUT8
LED
OUT9
TIMING DIAGRAM


Similar Part No. - CAT310

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT310 CATALYST-CAT310 Datasheet
374Kb / 10P
   10 Channel Automotive LED Display Driver
CAT310 CATALYST-CAT310 Datasheet
867Kb / 28P
   Catalyst Semiconductor
logo
ON Semiconductor
CAT310 ONSEMI-CAT310 Datasheet
151Kb / 10P
   10 Channel Automotive LED Display Driver
November, 2009 ??Rev. 2
logo
Catalyst Semiconductor
CAT310J CATALYST-CAT310J Datasheet
374Kb / 10P
   10 Channel Automotive LED Display Driver
CAT310W CATALYST-CAT310W Datasheet
374Kb / 10P
   10 Channel Automotive LED Display Driver
More results

Similar Description - CAT310

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT310W ONSEMI-CAT310W Datasheet
291Kb / 11P
   10 Channel Automotive LED Display Driver
Doc. No. 25087, Rev. 2
CAT310 ONSEMI-CAT310 Datasheet
151Kb / 10P
   10 Channel Automotive LED Display Driver
November, 2009 ??Rev. 2
logo
Catalyst Semiconductor
CAT310 CATALYST-CAT310 Datasheet
374Kb / 10P
   10 Channel Automotive LED Display Driver
logo
Texas Instruments
TPS92613-Q1 TI1-TPS92613-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   Automotive Single-Channel LED Driver
TPS92612-Q1 TI1-TPS92612-Q1 Datasheet
2Mb / 18P
[Old version datasheet]   Automotive Single-Channel LED Driver
TPS92610-Q1 TI1-TPS92610-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   Automotive Single-Channel LED Driver
logo
Freescale Semiconductor...
MC34844 FREESCALE-MC34844_10 Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver
logo
STMicroelectronics
M5482 STMICROELECTRONICS-M5482_04 Datasheet
131Kb / 10P
   LED DISPLAY DRIVER
M5480 STMICROELECTRONICS-M5480_04 Datasheet
112Kb / 10P
   LED DISPLAY DRIVER
logo
National Semiconductor ...
MM5481 NSC-MM5481 Datasheet
122Kb / 6P
   LED Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com