Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EGL1J Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # EGL1J
Description  Superfast Switching Surface Mount Si-Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

EGL1J Datasheet(HTML) 1 Page - Diotec Semiconductor

  EGL1J Datasheet HTML 1Page - Diotec Semiconductor EGL1J Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EGL1A ... EGL1M
EGL1A ... EGL1M
Superfast Switching Surface Mount Si-Rectifiers
Superschnelle Si-Gleichrichter für die Oberflächenmontage
Version 2007-04-05
Dimensions - Maße [mm]
Nominal current – Nennstrom
1 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
50...1000 V
Plastic case MiniMELF
Kunststoffgehäuse MiniMELF
DO-213AA
Weight approx. – Gewicht ca.
0.04 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Marking:
1. green ring denotes “cathode” and “superfast switching rectifier family”
2. colored ring denotes “repetitive peak reverse voltage” (see below)
Kennzeichnung:
1. grüner Ring kennzeichnet “Kathode” und “superschnelle Gleichrichter”
2. farbiger Ring kennzeichnet “Periodische Spitzensperrspannung” (siehe unten)
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
2. Cathode ring
2. Kathodenring
EGL1A
50
50
gray / grau
EGL1B
100
100
red / rot
EGL1D
200
200
orange / orange
EGL1G
400
400
yellow / gelb
EGL1J
600
600
green / grün
EGL1K
800
800
blue / blau
EGL1M
1000
1000
violett / violet
Max. average forward rectified current
Dauergrenzstrom in Einwegschaltung
EGL1A...EGL1G
TA = 75°C
IFAV
1 A 1)
EGL1J...EGL1M
TA = 50°C
IFAV
1 A 1)
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
8 A 1)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
25/30 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
4.5 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+175°C
-50...+175°C
1
Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
1


Similar Part No. - EGL1J

ManufacturerPart #DatasheetDescription
logo
Semikron International
EGL1J SEMIKRON-EGL1J Datasheet
199Kb / 2P
   Surface mount diode Ultrafast silicon rectifier diodes
logo
Galaxy Semi-Conductor H...
EGL1J BILIN-EGL1J Datasheet
195Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Diotec Semiconductor
EGL1J DIOTEC-EGL1J Datasheet
143Kb / 2P
   Superfast Recovery SMD Rectifier Diodes
logo
First Silicon Co., Ltd
EGL1J FS-EGL1J Datasheet
189Kb / 3P
   Surface Mount Glass Passivated Junction UltraFast Recovery Rectifier
More results

Similar Description - EGL1J

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
EGL34A DIOTEC-EGL34A_07 Datasheet
101Kb / 2P
   Superfast Switching Surface Mount Si-Rectifiers
SFE1A DIOTEC-SFE1A Datasheet
235Kb / 2P
   Superfast Switching Surface Mount Si-Rectifiers
ER2A DIOTEC-ER2A Datasheet
164Kb / 2P
   Superfast Switching Surface Mount Si-Rectifiers
ER3A DIOTEC-ER3A Datasheet
165Kb / 2P
   Superfast Switching Surface Mount Si-Rectifiers
ER1A DIOTEC-ER1A Datasheet
163Kb / 2P
   Superfast Switching Surface Mount Si-Rectifiers
BAV100 DIOTEC-BAV100_07 Datasheet
103Kb / 2P
   Superfast Switching Surface Mount Si-Diodes
SFE1A DIOTEC-SFE1A_07 Datasheet
71Kb / 2P
   Superfast Switching Surface Mount Si-Diodes
ER1A DIOTEC-ER1A_07 Datasheet
104Kb / 2P
   Superfast Switching Surface Mount Si-Diodes
ER2A DIOTEC-ER2A_07 Datasheet
69Kb / 2P
   Superfast Switching Surface Mount Si-Diodes
ER3A DIOTEC-ER3A_07 Datasheet
69Kb / 2P
   Superfast Switching Surface Mount Si-Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com