Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M52S128168A-7.5BG Datasheet(PDF) 8 Page - Elite Semiconductor Memory Technology Inc.

Part # M52S128168A-7.5BG
Description  1M x 16 Bit x 4 Banks Synchronous DRAM
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M52S128168A-7.5BG Datasheet(HTML) 8 Page - Elite Semiconductor Memory Technology Inc.

Back Button M52S128168A-7.5BG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M52S128168A-7.5BG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M52S128168A-7.5BG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M52S128168A-7.5BG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M52S128168A-7.5BG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M52S128168A-7.5BG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M52S128168A-7.5BG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M52S128168A-7.5BG Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M52S128168A-7.5BG Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
ESMT
Preliminary
M52S128168A
Elite Semiconductor Memory Technology Inc.
Publication Date: May. 2007
Revision: 1.0
8/47
SIMPLIFIED TRUTH TABLE
COMMAND
CKEn-1
CKEn
CS RAS
CAS
WE
DQM BA0
BA1
A10/AP
A11
A9~A0
Note
Mode Register set
Register
Extended Mode Register
set
H
X
L
L
L
L
X
OP CODE
1,2
Auto Refresh
H
3
Entry
H
L
L
L
L
H
X
X
3
L
H
H
H
X
3
Refresh
Self
Refresh
Exit
L
H
H
X
X
X
X
X
3
Bank Active & Row Addr.
H
X
L
L
H
H
X
V
Row Address
Auto Precharge Disable
L
4
Read &
Column Address
Auto Precharge Enable
H
X
L
H
L
H
X
V
H
Column
Address
(A0~A7)
4,5
Auto Precharge Disable
L
4
Write &
Column Address
Auto Precharge Enable
H
X
L
H
L
L
X
V
H
Column
Address
(A0~A7)
4,5
Burst Stop
H
X
L
H
H
L
X
X
6
Bank Selection
V
L
Precharge
All Banks
H
X
L
L
H
L
X
X
H
X
H
X
X
X
Entry
H
L
L
V
V
V
X
Clock Suspend or
Active Power Down
Exit
L
H
X
X
X
X
X
X
H
X
X
X
Entry
H
L
L
H
H
H
X
H
X
X
X
Precharge Power Down Mode
Exit
L
H
L
V
V
V
X
X
DQM
H
X
V
X
7
H
X
X
X
No Operating Command
H
X
L
H
H
H
X
X
(V = Valid , X = Don’t Care. H = Logic High , L = Logic Low )
Note :
1.OP Code : Operating Code
A0~A11 & BA0~BA1 : Program keys. (@ MRS). BA1=0 for MRS and BA1=1 for EMRS
2.MRS/EMRS can be issued only at all banks precharge state.
A new command can be issued after 2 CLK cycles of MRS/EMRS.
3.Auto refresh functions are as same as CBR refresh of DRAM.
The automatical precharge without row precharge of command is meant by “Auto”.
Auto/self refresh can be issued only at all banks idle state.
4.BA0~BA1 : Bank select addresses.
If both BA0 and BA1 are “Low” at read ,write , row active and precharge ,bank A is selected.
If both BA0 is “Low” and BA1 is “High” at read ,write , row active and precharge ,bank B is selected.
If both BA0 is “High” and BA1 is “Low” at read ,write , row active and precharge ,bank C is selected.
If both BA0 and BA1 are “High” at read ,write , row active and precharge ,bank D is selected
If A10/AP is “High” at row precharge , BA0 and BA1 is ignored and all banks are selected.
5.During burst read or write with auto precharge. new read/write command can not be issued.
Another bank read/write command can be issued after the end of burst.
New row active of the associated bank can be issued at tRP after the end of burst.
6.Burst stop command is valid at every burst length.
7.DQM sampled at positive going edge of a CLK and masks the data-in at the very CLK (write DQM latency is 0), but
makes Hi-Z state the data-out of 2 CLK cycles after.(Read DQM latency is 2)


Similar Part No. - M52S128168A-7.5BG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52S128168A-7.5BG ESMT-M52S128168A-7.5BG Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
More results

Similar Description - M52S128168A-7.5BG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6616A4A A-DATA-VDS6616A4A Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
logo
AMIC Technology
A43L2616A AMICC-A43L2616A Datasheet
1Mb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L64164A ESMT-M12L64164A_09 Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_1 Datasheet
818Kb / 44P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L2616B AMICC-A43L2616B Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M52L64164A ESMT-M52L64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A_0712 ESMT-M12L64164A_0712 Datasheet
826Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M52S64164A ESMT-M52S64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com