Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M52S128168A-7.5TG Datasheet(PDF) 10 Page - Elite Semiconductor Memory Technology Inc.

Part # M52S128168A-7.5TG
Description  1M x 16 Bit x 4 Banks Synchronous DRAM
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M52S128168A-7.5TG Datasheet(HTML) 10 Page - Elite Semiconductor Memory Technology Inc.

Back Button M52S128168A-7.5TG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M52S128168A-7.5TG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M52S128168A-7.5TG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M52S128168A-7.5TG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M52S128168A-7.5TG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M52S128168A-7.5TG Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M52S128168A-7.5TG Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. M52S128168A-7.5TG Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. M52S128168A-7.5TG Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
ESMT
Preliminary
M52S128168A
Elite Semiconductor Memory Technology Inc.
Publication Date: May. 2007
Revision: 1.0
10/47
BA1 BA0 A11 A10
A9
A8 A7
A6
A5 A4
A3
A2 A1 A0
Address bus
1
0
0
0
0
0
0
DS
0
0
PASR
Extended Mode Register Set
A2-A0
WT=0
000
4Bank
001
2 Bank (BankA& BankB) or
(BA1=0)
010
1 Bank (BankA) or
(BA0=BA1=0)
011
R
100
R
101
R
PASR
111
R
A6-A5
Driver Strength
00
Full Strength
01
1/2 Strength
10
1/4 Strength
DS
11
R
Remark R : Reserved
EXTENDED MODE REGISTER SET (EMRS)
The extended mode register stores for selecting PASR;TCSR;DS. The extended mode register set must be done before any active
command after the power up sequence. The extended mode register is written by asserting low on CS,RAS,CAS,WE and high on
BA1,low on BA0(The SDRAM should be in all bank precharge with CKE already high prior to writing into the extended more
register). The state of address pins
A0~An in the same cycle as CS,RAS,CAS,WE going low is written in the extended mode register. Refer to the table for specific
codes.
The extended mode register can be changed by using the same command and clock cycle requirements during operations as long
as all banks are in the idle state. The default value extended mode register is defined as half driving strength and all banks
refreshed.


Similar Part No. - M52S128168A-7.5TG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52S128168A-7.5TG ESMT-M52S128168A-7.5TG Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
More results

Similar Description - M52S128168A-7.5TG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6616A4A A-DATA-VDS6616A4A Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
logo
AMIC Technology
A43L2616A AMICC-A43L2616A Datasheet
1Mb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L64164A ESMT-M12L64164A_09 Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_1 Datasheet
818Kb / 44P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L2616B AMICC-A43L2616B Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M52L64164A ESMT-M52L64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A_0712 ESMT-M12L64164A_0712 Datasheet
826Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M52S64164A ESMT-M52S64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com