Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M52D32162A-7.5BG Datasheet(PDF) 5 Page - Elite Semiconductor Memory Technology Inc.

Part # M52D32162A-7.5BG
Description  1M x 16Bit x 2Banks Synchronous DRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M52D32162A-7.5BG Datasheet(HTML) 5 Page - Elite Semiconductor Memory Technology Inc.

  M52D32162A-7.5BG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M52D32162A-7.5BG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M52D32162A-7.5BG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M52D32162A-7.5BG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M52D32162A-7.5BG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M52D32162A-7.5BG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M52D32162A-7.5BG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M52D32162A-7.5BG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M52D32162A-7.5BG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
ESMT
M52D32162A
Elite Semiconductor Memory Technology Inc.
Publication Date : May. 2007
Revision : 1.4
5/30
DC CHARACTERISTICS
(Recommended operating condition unless otherwise noted, TA = 0 C
°
~ 70 C
°
)
Version
Parameter
Symbol
Test Condition
CAS
Latency
-7.5
-10
Unit Note
Operating Current
(One Bank Active)
ICC1
Burst Length = 1
tRC
tRC (min), tCC tCC (min), IOL= 0mA
55
35
mA
1
ICC2P
CKE
VIL(max), tCC =15ns
0.3
mA
Precharge Standby
Current in power-down
mode
ICC2PS
CKE
VIL(max), CLK VIL(max), tCC =
0.2
mA
ICC2N
CKE
VIH(min), CS VIH(min), tCC =15ns
Input signals are changed one time during 30ns
3
mA
Precharge Standby
Current in non
power-down mode
ICC2NS
CKE
VIH(min), CLK VIL(max), tCC =
Input signals are stable
1
mA
ICC3P
CKE
VIL(max), tCC =15ns
1.5
Active Standby Current
in power-down mode
ICC3PS
CKE
VIL(max), CLK VIL(max), tCC =
1
mA
ICC3N
CKE
VIH(min), CS VIH(min), tCC=15ns
Input signals are changed one time during 30ns
10
mA
Active Standby Current
in non power-down
mode
(One Bank Active)
ICC3NS
CKE
VIH (min), CLK VIL(max), tCC=
Input signals are stable
2.5
mA
Operating Current
(Burst Mode)
ICC4
IOL= 0Ma, Page Burst
All Band Activated, tCCD = tCCD (min)
70
60
mA
1
Refresh Current
ICC5
tRC
tRC(min)
40
40
mA
2
TCSR range
45
70
C
°
2 Banks
180
200
Self Refresh Current
ICC6
CKE
0.2V
1 Bank
160
180
uA
Deep Power Down
Current
ICC7
CKE
0.2V
10
uA
Note: 1.Measured with outputs open. Addresses are changed only one time during tCC(min).
2.Refresh period is 64ms. Addresses are changed only one time during tCC(min).


Similar Part No. - M52D32162A-7.5BG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52D32162A-7BG ESMT-M52D32162A-7BG Datasheet
813Kb / 32P
   1M x 16Bit x 2Banks Mobile Synchronous DRAM
M52D32162A-7TG ESMT-M52D32162A-7TG Datasheet
813Kb / 32P
   1M x 16Bit x 2Banks Mobile Synchronous DRAM
More results

Similar Description - M52D32162A-7.5BG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L32162A ESMT-M12L32162A Datasheet
702Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A Datasheet
770Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A_1 Datasheet
786Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M12L32162A ESMT-M12L32162A_09 Datasheet
761Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M12L32162A_0712 ESMT-M12L32162A_0712 Datasheet
693Kb / 28P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A_08 Datasheet
862Kb / 30P
   1M x 16Bit x 2Banks Mobile Synchronous DRAM
M52D32162A ESMT-M52D32162A_09 Datasheet
813Kb / 32P
   1M x 16Bit x 2Banks Mobile Synchronous DRAM
logo
Taiwan Memory Technolog...
T431616B TMT-T431616B Datasheet
567Kb / 31P
   1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com