Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M52D32162A-7.5TG Datasheet(PDF) 8 Page - Elite Semiconductor Memory Technology Inc.

Part # M52D32162A-7.5TG
Description  1M x 16Bit x 2Banks Synchronous DRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M52D32162A-7.5TG Datasheet(HTML) 8 Page - Elite Semiconductor Memory Technology Inc.

Back Button M52D32162A-7.5TG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M52D32162A-7.5TG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M52D32162A-7.5TG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M52D32162A-7.5TG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M52D32162A-7.5TG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M52D32162A-7.5TG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M52D32162A-7.5TG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M52D32162A-7.5TG Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M52D32162A-7.5TG Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
ESMT
M52D32162A
Elite Semiconductor Memory Technology Inc.
Publication Date : May. 2007
Revision : 1.4
8/30
MODE REGISTER FIELD TABLE TO PROGRAM MODES
Register Programmed with MRS
Address
BA
A11~A10/AP
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Function
0
RFU
W.B.L
TM
CAS Latency
BT
Burst Length
Test Mode
CAS Latency
Burst Type
Burst Length
A8
A7
Type
A6
A5
A4
Latency
A3
Type
A2
A1
A0
BT = 0
BT = 1
0
0
Mode Register Set
0
0
0
Reserved
0
Sequential
0
0
0
1
1
0
1
Reserved
0
0
1
1
1
Interleave
0
0
1
2
2
1
0
Reserved
0
1
0
2
0
1
0
4
4
1
1
Reserved
0
1
1
3
0
1
1
8
8
1
0
0
Reserved
1
0
0
Reserved Reserved
1
0
1
Reserved
1
0
1
Reserved Reserved
1
1
0
Reserved
1
1
0
Reserved Reserved
1
1
1
Reserved
1
1
1
Full Page Reserved
Full Page Length : 256


Similar Part No. - M52D32162A-7.5TG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52D32162A-7BG ESMT-M52D32162A-7BG Datasheet
813Kb / 32P
   1M x 16Bit x 2Banks Mobile Synchronous DRAM
M52D32162A-7TG ESMT-M52D32162A-7TG Datasheet
813Kb / 32P
   1M x 16Bit x 2Banks Mobile Synchronous DRAM
More results

Similar Description - M52D32162A-7.5TG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L32162A ESMT-M12L32162A Datasheet
702Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A Datasheet
770Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A_1 Datasheet
786Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M12L32162A ESMT-M12L32162A_09 Datasheet
761Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M12L32162A_0712 ESMT-M12L32162A_0712 Datasheet
693Kb / 28P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A_08 Datasheet
862Kb / 30P
   1M x 16Bit x 2Banks Mobile Synchronous DRAM
M52D32162A ESMT-M52D32162A_09 Datasheet
813Kb / 32P
   1M x 16Bit x 2Banks Mobile Synchronous DRAM
logo
Taiwan Memory Technolog...
T431616B TMT-T431616B Datasheet
567Kb / 31P
   1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com