Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M13S128324A-4LG Datasheet(PDF) 1 Page - Elite Semiconductor Memory Technology Inc.

Part # M13S128324A-4LG
Description  1M x 32 Bit x 4 Banks Double Data Rate SDRAM
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13S128324A-4LG Datasheet(HTML) 1 Page - Elite Semiconductor Memory Technology Inc.

  M13S128324A-4LG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M13S128324A-4LG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M13S128324A-4LG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M13S128324A-4LG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M13S128324A-4LG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M13S128324A-4LG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M13S128324A-4LG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M13S128324A-4LG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M13S128324A-4LG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
ESMT
M13S128324A
Elite Semiconductor Memory Technology Inc.
Publication Date : May. 2007
Revision : 1.8
1/49
Revision History
Revision 0.1 (May. 13 2005)
-Original
Revision 0.2 (Aug. 08 2005)
-Delete Non-Pb-free of ordering information
-Modify typing error of Pin Arrangement
Revision 1.0 (Mar. 08 2006)
-Delete “Preliminary” at every page
-Modify tWR from 2clk to 15ns
-Modify tWTR from 1clk to 2ns
Revision 1.1 (Oct. 25 2006)
-Add -4BG spec (only for CL4)
Revision 1.2 (Nov. 16 2006)
-Add 100 pin LQFP package
Revision 1.3 (Mar. 02 2007)
-Delete BGA ball name of packing dimensions
Revision 1.4 (Mar. 12 2007)
-Add -3.6 speed grade
Revision 1.5 (Mar. 21 2007)
-Add -4(CL3) specification
Revision 1.6 (Mar. 29 2007)
- Modify A10 to A8 on P26
- Modify the figure on P37
Revision 1.7 (Apr. 17 2007)
- Modify -4(CL3) VDD; VDDQ; spec
Revision 1.8 (May. 2 2007)
- Modify PD spec


Similar Part No. - M13S128324A-4LG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-4LG ESMT-M13S128324A-4LG Datasheet
955Kb / 50P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
More results

Similar Description - M13S128324A-4LG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A ESMT-M13S128324A_1 Datasheet
887Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A ESMT-M13S128324A_09 Datasheet
955Kb / 50P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_1 Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_09 Datasheet
1Mb / 48P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S32321A ESMT-M13S32321A_08 Datasheet
838Kb / 50P
   256K x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S32321A ESMT-M13S32321A Datasheet
752Kb / 49P
   256K x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S256328A ESMT-M13S256328A Datasheet
786Kb / 47P
   2M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A Datasheet
1Mb / 48P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A_09 Datasheet
1Mb / 49P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com