Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75ALS176ADG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN75ALS176ADG4
Description  DIFFERENTIAL BUS TRANSCEIVERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS176ADG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75ALS176ADG4 Datasheet HTML 2Page - Texas Instruments SN75ALS176ADG4 Datasheet HTML 3Page - Texas Instruments SN75ALS176ADG4 Datasheet HTML 4Page - Texas Instruments SN75ALS176ADG4 Datasheet HTML 5Page - Texas Instruments SN75ALS176ADG4 Datasheet HTML 6Page - Texas Instruments SN75ALS176ADG4 Datasheet HTML 7Page - Texas Instruments SN75ALS176ADG4 Datasheet HTML 8Page - Texas Instruments SN75ALS176ADG4 Datasheet HTML 9Page - Texas Instruments SN75ALS176ADG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
SN65ALS176, SN75ALS176, SN75ALS176A, SN75ALS176B
DIFFERENTIAL BUS TRANSCEIVERS
SLLS040H – AUGUST 1987 – REVISED JUNE 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature range (unless otherwise noted)
SN65ALS176
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
td(OD)
Differential output delay time
RL = 54 Ω,
CL = 50 pF,
See Figure 3
15
ns
tsk(p)
Pulse skew‡
RL = 54 Ω,
CL = 50 pF,
See Figure 3
0
2
ns
tsk(lim)
Pulse skew§
RL = 54 Ω,
CL = 50 pF,
See Figure 3
15
ns
tt(OD)
Differential output transition time
RL = 54 Ω,
CL = 50 pF,
See Figure 3
8
ns
tPZH
Output enable time to high level
RL = 110 Ω,
CL = 50 pF,
See Figure 4
80
ns
tPZL
Output enable time to low level
RL = 110 Ω,
CL = 50 pF,
See Figure 5
30
ns
tPHZ
Output disable time from high level
RL = 110 Ω,
CL = 50 pF,
See Figure 4
50
ns
tPLZ
Output disable time from low level
RL = 110 Ω,
CL = 50 pF,
See Figure 5
30
ns
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Pulse skew is defined as the |tPLH – tPHL| of each channel of the same device.
§ Skew limit is the maximum difference in propagation delay times between any two channels of any two devices.
SN75ALS176, SN75ALS176A, SN75ALS176B
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Diff
ti l
t
t
’ALS176
3
8
13
td(OD)
Differential output
delay time
’ALS176A
RL = 54 Ω,
CL = 50 pF,
See Figure 3
4
7
11.5
ns
()
delay time
’ALS176B
5
8
10
tsk(p)
Pulse skew‡
RL = 54 Ω,
CL = 50 pF,
See Figure 3
0
2
ns
§
’ALS176
10
tsk(lim) Pulse skew§
’ALS176A
RL = 54 Ω,
CL = 50 pF,
See Figure 3
7.5
ns
()
’ALS176B
5
tt(OD)
Differential output transition time
RL = 54 Ω,
CL = 50 pF,
See Figure 3
8
ns
tPZH
Output enable time to high level
RL = 110 Ω,
CL = 50 pF,
See Figure 4
23
50
ns
tPZL
Output enable time to low level
RL = 110 Ω,
CL = 50 pF,
See Figure 5
14
20
ns
tPHZ
Output disable time from high level
RL = 110 Ω,
CL = 50 pF,
See Figure 4
20
35
ns
tPLZ
Output disable time from low level
RL = 110 Ω,
CL = 50 pF,
See Figure 5
8
17
ns
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Pulse skew is defined as the |tPLH – tPHL| of each channel of the same device.
§ Skew limit is the maximum difference in propagation delay times between any two channels of any two devices.
SYMBOL EQUIVALENTS
DATA-SHEET
PARAMETER
TIA/EIA-422-B
TIA/EIA-485-A
VO
Voa, Vob
Voa, Vob
|VOD1|
Vo
Vo
|VOD2|
Vt (RL = 100 Ω)
Vt (RL = 54 Ω)
|VOD3|
None
Vt (test termination
measurement 2)
∆|VOD|
||Vt| – |Vt||
||Vt| – |Vt||
VOC
|Vos|
|Vos|
∆|VOC|
|Vos – Vos|
|Vos – Vos|
IOS
|Isa|, |Isb|
None
IO
|Ixa|, |Ixb|
Iia, Iib


Similar Part No. - SN75ALS176ADG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS176ADG4 TI-SN75ALS176ADG4 Datasheet
802Kb / 29P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results

Similar Description - SN75ALS176ADG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_08 Datasheet
515Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_08 Datasheet
584Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_10 Datasheet
802Kb / 29P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176A TI-SN65LBC176A_07 Datasheet
489Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_07 Datasheet
397Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_10 Datasheet
576Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_07 Datasheet
553Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75076B TI1-SN75076B Datasheet
157Kb / 10P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com