Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M13S128168A-5TG Datasheet(PDF) 10 Page - Elite Semiconductor Memory Technology Inc.

Part # M13S128168A-5TG
Description  2M x 16 Bit x 4 Banks Double Data Rate SDRAM
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13S128168A-5TG Datasheet(HTML) 10 Page - Elite Semiconductor Memory Technology Inc.

Back Button M13S128168A-5TG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M13S128168A-5TG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M13S128168A-5TG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M13S128168A-5TG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M13S128168A-5TG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M13S128168A-5TG Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M13S128168A-5TG Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. M13S128168A-5TG Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. M13S128168A-5TG Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
ESMT
M13S128168A
Elite Semiconductor Memory Technology Inc.
Publication Date : Jun. 2007
Revision : 1.8
10/49
Basic Functionality
Power-Up and Initialization Sequence
The following sequence is required for POWER UP and Initialization.
1. Apply power and attempt to maintain CKE at a low state (all other inputs may be undefined.)
-
Apply VDD before or at the same time as VDDQ.
-
Apply VDDQ before or at the same time as VTT & VREF).
2. Start clock and maintain stable condition for a minimun of 200us.
3. The minimun of 200us after stable power and clock (CLK, CLK ), apply NOP & take CKE high.
4. Issue precharge commands for all banks of the device.
*1
5. Issue EMRS to enable DLL. (To issue “DLL Enable” command, provide “Low” to A0, “High” to BA0 and “Low” to all of the
rest address pins, A1~A11 and BA1)
*1
6. Issue a mode register set command for “DLL reset”. The additional 200 cycles of clock input is required to lock the DLL.
(To issue DLL reset command, provide “High” to A8 and “Low” to BA0)
*2
7. Issue precharge commands for all banks of the device.
8. Issue 2 or more auto-refresh commands.
9. Issue a mode register set command with low to A8 to initialize device operation.
*1 Every “DLL enable” command resets DLL. Therefore sequence 6 can be skipped during power up. Instead of it, the additional
200 cycles of clock input is required to lock the DLL after enabling DLL.
*2 Sequence of 6 & 7 is regardless of the order.
CLK
CL K
Co m m a n d
0
1
23
45678910
11
12
13
14
15
16
17
18
19
t RP
pr e c h a r g e
Al l Ban ks
EM R S
MR S
Dl l R e s e t
t RP
pr ech a r g e
Al l B a n k s
1s t A ut o
Re f r e s h
t RF C
2nd A ut o
Re f r e s h
t RF C
Mode
Regi ster Set
An y
C om m and
m i n . 20 0 C y c l e
P ower up & I ni t i al i z a t i on S eq uenc e


Similar Part No. - M13S128168A-5TG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128168A-5TG ESMT-M13S128168A-5TG Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
More results

Similar Description - M13S128168A-5TG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128168A ESMT-M13S128168A_08 Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A ESMT-M13S128168A_1 Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S256328A ESMT-M13S256328A Datasheet
786Kb / 47P
   2M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A Datasheet
1Mb / 48P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A_09 Datasheet
1Mb / 49P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_1 Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A_1 Datasheet
1Mb / 49P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S5121632A ESMT-M13S5121632A Datasheet
971Kb / 47P
   8M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_09 Datasheet
1Mb / 48P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com