Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M13S64164A-6BG Datasheet(PDF) 8 Page - Elite Semiconductor Memory Technology Inc.

Part # M13S64164A-6BG
Description  1M x 16 Bit x 4 Banks Double Data Rate SDRAM
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13S64164A-6BG Datasheet(HTML) 8 Page - Elite Semiconductor Memory Technology Inc.

Back Button M13S64164A-6BG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M13S64164A-6BG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M13S64164A-6BG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M13S64164A-6BG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M13S64164A-6BG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M13S64164A-6BG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M13S64164A-6BG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M13S64164A-6BG Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M13S64164A-6BG Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
ESMT
Preliminary
M13S64164A
Elite Semiconductor Memory Technology Inc.
Publication Date : Jul. 2007
Revision : 0.3
8/49
AC Timing Parameter & Specifications-continued
-5
-6
Parameter
Symbol
min
max
min
max
Half Clock Period
tHP
tCLmin or tCHmin
-
tCLmin or tCHmin
-
ns
DQ-DQS output hold time
tQH
tHP-0.45
-
tHP-0.5
-
ns
Data hold skew factor
tQHS
0.4
-
0.4
-
ns
ACTIVE to PRECHARGE
command
tRAS
40
120Kns
42
120Kns
ns
Row Cycle Time
tRC
60
-
60
-
ns
AUTO REFRESH Row Cycle
Time
tRFC
70
-
72
-
ns
ACTIVE to READ,WRITE
delay
tRCD
15
-
18
-
ns
PRECHARGE command
period
tRP
15
-
18
-
ns
ACTIVE to READ with
AUTOPRECHARGE
command
tRAP
15
120K
18
-
ns
ACTIVE bank A to ACTIVE
bank B command
tRRD
10
-
12
-
ns
Write recovery time
tWR
10
-
12
-
ns
Write data in to READ
command delay
tWTR
1
-
1
-
tCK
Col. Address to Col. Address
delay
tCCD
1
-
1
-
tCK
Average periodic refresh
interval
tREFI
-
15.6
-
15.6
us
Write preamble
tWPRE
0.25
-
0.25
-
tCK
Write postamble
tWPST
0.4
0.6
0.4
0.6
tCK
DQS read preamble
tRPRE
0.9
1.1
0.9
1.1
tCK
DQS read postamble
tRPST
0.4
0.6
0.4
0.6
tCK
Clock to DQS write preamble
setup time
tWPRES
0
-
0
-
ns
Load Mode Register /
Extended Mode register
cycle time
tMRD
2
-
1
-
tCK
Exit self refresh to READ
command
tXSRD
200
-
200
-
tCK
Exit self refresh to
non-READ command
tXSNR
75
-
75
-
ns
Autoprecharge write
recovery+Precharge time
tDAL
(tWR/tCK)
+
(tRP/tCK)
(tWR/tCK)
+
(tRP/tCK)
tCK


Similar Part No. - M13S64164A-6BG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S64164A-6BG ESMT-M13S64164A-6BG Datasheet
1Mb / 48P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
More results

Similar Description - M13S64164A-6BG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S64164A ESMT-M13S64164A_1 Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_09 Datasheet
1Mb / 48P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A ESMT-M13S128324A Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A ESMT-M13S128324A_1 Datasheet
887Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A ESMT-M13S128324A_09 Datasheet
955Kb / 50P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A Datasheet
1Mb / 48P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A_09 Datasheet
1Mb / 49P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A ESMT-M13S128168A Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A_1 Datasheet
1Mb / 49P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S5121632A ESMT-M13S5121632A Datasheet
971Kb / 47P
   8M x 16 Bit x 4 Banks Double Data Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com