Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4376AIPW Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA4376AIPW
Description  Precision, Low Noise, Low Quiescent Current, Operational Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA4376AIPW Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA4376AIPW Datasheet HTML 1Page - Burr-Brown (TI) OPA4376AIPW Datasheet HTML 2Page - Burr-Brown (TI) OPA4376AIPW Datasheet HTML 3Page - Burr-Brown (TI) OPA4376AIPW Datasheet HTML 4Page - Burr-Brown (TI) OPA4376AIPW Datasheet HTML 5Page - Burr-Brown (TI) OPA4376AIPW Datasheet HTML 6Page - Burr-Brown (TI) OPA4376AIPW Datasheet HTML 7Page - Burr-Brown (TI) OPA4376AIPW Datasheet HTML 8Page - Burr-Brown (TI) OPA4376AIPW Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
BurrBrown Products
from Texas Instruments
OP
A376
OP
A2376
OP
A4376
1
FEATURES
DESCRIPTION
APPLICATIONS
OffsetVoltage( V)
m
OFFSETVOLTAGEPRODUCTIONDISTRIBUTION
OPA376
OPA2376
OPA4376
SBOS406B – JUNE 2007 – REVISED SEPTEMBER 2007
Precision, Low Noise, Low Quiescent Current,
Operational Amplifier
2
• LOW NOISE: 7.5nV/√Hz at 1kHz
The OPA376 family represent a new generation of
low-noise operational amplifiers. Rail-to-rail input, low
• 0.1Hz to 10Hz NOISE: 0.8μV
PP
offset (5
μV typ), low noise (7.5nV/√Hz), quiescent
• QUIESCENT CURRENT: 950μA (max)
current less than 1mA max, and a 5.5MHz bandwidth
• LOW OFFSET VOLTAGE: 25μV (max)
make this part very attractive for a variety of precision
• SINGLE-SUPPLY OPERATION
and portable applications. In addition, this device has
a reasonably wide supply range with excellent PSRR,
• SUPPLY VOLTAGE: 2.2V to 5.5V
making it attractive for applications that run directly
• SPACE-SAVING PACKAGES:
from batteries without regulation.
SC-70, SOT23, MSOP, TSSOP
The
OPA376
(single
version)
is
available
in
MicroSIZE SC70-5, SOT23-5, and SO-8 packages.
The OPA2376 (dual) is offered in the MSOP-8 and
• ADC BUFFER
SO-8 packages. The OPA4376 (quad) is offered in a
• AUDIO EQUIPMENT
TSSOP-14 package. All versions are specified for
operation from –40
°C to +125°C.
• MEDICAL INSTRUMENTATION
• HANDHELD TEST EQUIPMENT
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA4376AIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4376AIPW TI-OPA4376AIPW Datasheet
1Mb / 30P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA4376AIPW TI1-OPA4376AIPW Datasheet
1Mb / 42P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA4376AIPWG4 TI-OPA4376AIPWG4 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA4376AIPWG4 TI1-OPA4376AIPWG4 Datasheet
1Mb / 42P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA4376AIPWR TI-OPA4376AIPWR Datasheet
1Mb / 30P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
More results

Similar Description - OPA4376AIPW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AS2376Q DIODES-AS2376Q Datasheet
1Mb / 13P
   LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
Rev. 1 - 2 September 2022
AS2376 DIODES-AS2376 Datasheet
1Mb / 13P
   LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
September 2022 Rev. 1 - 2
logo
Texas Instruments
OPA376 TI1-OPA376 Datasheet
1Mb / 42P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA376-Q1 TI1-OPA376-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA377-Q1 TI1-OPA377-Q1 Datasheet
978Kb / 26P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Automotive Grade Operational Amplifier
OPA376-Q1_016 TI1-OPA376-Q1_016 Datasheet
1Mb / 39P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA2376AIYZDR TI-OPA2376AIYZDR Datasheet
1Mb / 30P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA376-Q1 TI-OPA376-Q1_15 Datasheet
448Kb / 20P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA376-Q1 TI1-OPA376-Q1 Datasheet
547Kb / 19P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA376 TI-OPA376_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com