Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA376AIDRG4 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA376AIDRG4
Description  Precision, Low Noise, Low Quiescent Current, Operational Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA376AIDRG4 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button OPA376AIDRG4 Datasheet HTML 2Page - Burr-Brown (TI) OPA376AIDRG4 Datasheet HTML 3Page - Burr-Brown (TI) OPA376AIDRG4 Datasheet HTML 4Page - Burr-Brown (TI) OPA376AIDRG4 Datasheet HTML 5Page - Burr-Brown (TI) OPA376AIDRG4 Datasheet HTML 6Page - Burr-Brown (TI) OPA376AIDRG4 Datasheet HTML 7Page - Burr-Brown (TI) OPA376AIDRG4 Datasheet HTML 8Page - Burr-Brown (TI) OPA376AIDRG4 Datasheet HTML 9Page - Burr-Brown (TI) OPA376AIDRG4 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
10
120
100
80
60
40
20
0
Frequency(Hz)
10M
100k
100
1k
10k
1M
V(+) Power-SupplyRejectionRatio
V( )
-
Power-SupplyRejectionRatio
Common-Mode
RejectionRatio
0.1
160
140
120
100
80
60
40
20
0
-
20
0
-
20
-
40
-
60
-
80
-
100
-
120
-
140
-
160
-
180
Frequency(Hz)
10M
1
100k
10
100
1k
10k
1M
Gain
Phase
1s/div
-
50
-
25
160
140
120
100
80
Temperature( C)
°
150
50
100
0
25
75
125
Open-LoopGain(R =2
)
kW
L
Power-SupplyRejectionRatio
(V =2.1Vto5.5V)
S
1
10
100
10
1
Frequency(Hz)
100k
100
1k
10k
10
100
1
0.1
0.01
0.001
0.0001
Frequency(Hz)
100k
1k
10k
V =5V,V
=2V,V
=1V
S
CM
OUT
RMS
Gain=10V/V
Gain=1V/V
OPA376
OPA2376
OPA4376
SBOS406B – JUNE 2007 – REVISED SEPTEMBER 2007
At TA = +25°C, RL = 10kΩ connected to VS/2, VCM = VS/2, and VOUT = VS/2, unless otherwise noted.
POWER-SUPPLY AND COMMON-MODE
OPEN-LOOP GAIN/PHASE vs FREQUENCY
REJECTION RATIO vs FREQUENCY
Figure 1.
Figure 2.
OPEN-LOOP GAIN AND POWER-SUPPLY
0.1Hz to 10Hz
REJECTION RATIO vs TEMPERATURE
INPUT VOLTAGE NOISE
Figure 3.
Figure 4.
TOTAL HARMONIC DISTORTION + NOISE
INPUT VOLTAGE NOISE SPECTRAL DENSITY
vs FREQUENCY
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): OPA376 OPA2376 OPA4376


Similar Part No. - OPA376AIDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA376AIDRG4 TI-OPA376AIDRG4 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA376AIDRG4 TI1-OPA376AIDRG4 Datasheet
1Mb / 42P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
More results

Similar Description - OPA376AIDRG4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AS2376Q DIODES-AS2376Q Datasheet
1Mb / 13P
   LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
Rev. 1 - 2 September 2022
AS2376 DIODES-AS2376 Datasheet
1Mb / 13P
   LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
September 2022 Rev. 1 - 2
logo
Texas Instruments
OPA376 TI1-OPA376 Datasheet
1Mb / 42P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA376-Q1 TI1-OPA376-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA377-Q1 TI1-OPA377-Q1 Datasheet
978Kb / 26P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Automotive Grade Operational Amplifier
OPA376-Q1_016 TI1-OPA376-Q1_016 Datasheet
1Mb / 39P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA2376AIYZDR TI-OPA2376AIYZDR Datasheet
1Mb / 30P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA376-Q1 TI-OPA376-Q1_15 Datasheet
448Kb / 20P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA376-Q1 TI1-OPA376-Q1 Datasheet
547Kb / 19P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA376 TI-OPA376_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com