Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3HDMI412FT-ABE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3HDMI412FT-ABE
Description  2:1 Mux/DeMux High Bandwidth (> 5 Gbps) HDMI 1.3 Compliant Signal Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI412FT-ABE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3HDMI412FT-ABE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3HDMI412FT-ABE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3HDMI412FT-ABE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI412FT-ABE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI412FT-ABE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI412FT-ABE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI412FT-ABE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI412FT-ABE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI412FT-ABE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
PS8831C
12/18/06
PI3HDMI412FT-A
2:1 Mux/DeMux High BW (> 5 Gbps)
HDMI 1.3 Compliant Signal Switch
Truth Table
SEL
Function
L
Dx → DxA + DxB pullups are active
H
Dx → DxB+ DxA pullups are active
Storage Temperature...........................................................–65°C to +150°C
Supply Voltage to VSS Potential............................................–0.5V to +2.5V
DC Input Voltage ..............................................................0V to VDD+0.5V
DC Output Current.............................................................................120mA
Note: Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the op-
erational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods
may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
DC Electrical Characteristics for Switching over Operating Range (TA = –40°C to +85°C)
Paramenter
Description
Test Conditions (1)
Min.
Typ.(2)
Max.
Units
VIH(3)
Input HIGH Voltage
Guaranteed HIGH level
0.65(VDD-VSS)+VSS
V
VIL(3)
Input LOW Voltage
Guaranteed LOW level
–0.5+VSS
0.35(VDD-VSS)+VSS
VIK
Clamp Diode Voltage VDD=Max., IIN=–18mA
–0.7+VSS
–1.2+VSS
IIH
Input HIGH Current
VDD=Max., VIN=VDD
±5
μA
IIL
Input LOW Current
VDD=Max., VIN=VSS
±5
Notes:
1.
For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2.
Typical values are at TA = 25°C ambient and maximum loading.
3.
VIH & VIL are for SEL input only.
Pin Description
Pin # (BQSOP)
Pin # (TQFN)
Pin Name
Description
2, 4, 12, 21, 23, 25, 36, 48
2, 8, 16, 18, 20, 30, 40, 42
VDD
+ Power supply 3.30V
1, 3, 5, 8, 11, 14, 17, 20, 22,
24, 26, 31, 37, 42, 47
1, 5, 10, 13, 17, 19, 21,
39, 41
VSS
- Power supply
13
9
SEL
Select pin, see truth table
6, 7, 9, 10, 15, 16, 18, 19,
27-30, 32-35, 38-41, 43-36
3, 4, 6, 7, 11, 12, 14, 15,
22-29, 31-38
Dx+/-x + CLK+/-x
Data + Clk bits for TMDS signal
DC Power Supply Characteristics
Paramenter
Description
Min.
Max.
Units
VDD
Positive Power Supply
3.0
3.6
V
VSS
Negative Power Supply
1.5
1.6
V
06-0309


Similar Part No. - PI3HDMI412FT-ABE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3HDMI412FT-B PERICOM-PI3HDMI412FT-B Datasheet
712Kb / 12P
   2:1 Mux/DeMux High Bandwidth (> 5 Gbps) HDMI 1.3 Compliant Signal Switch
PI3HDMI412FT-BBE PERICOM-PI3HDMI412FT-BBE Datasheet
712Kb / 12P
   2:1 Mux/DeMux High Bandwidth (> 5 Gbps) HDMI 1.3 Compliant Signal Switch
PI3HDMI412FT-BZHE PERICOM-PI3HDMI412FT-BZHE Datasheet
712Kb / 12P
   2:1 Mux/DeMux High Bandwidth (> 5 Gbps) HDMI 1.3 Compliant Signal Switch
More results

Similar Description - PI3HDMI412FT-ABE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3HDMI412FT-B PERICOM-PI3HDMI412FT-B Datasheet
712Kb / 12P
   2:1 Mux/DeMux High Bandwidth (> 5 Gbps) HDMI 1.3 Compliant Signal Switch
PI3HDMI414 PERICOM-PI3HDMI414 Datasheet
944Kb / 10P
   4-Differential Channel, 4:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch
logo
M/A-COM Technology Solu...
M20001-BRF-001-A MA-COM-M20001-BRF-001-A Datasheet
193Kb / 2P
   High Bandwidth Dual 2:1 Mux/DeMux Passive Switch
M20001-BRF-001-A MA-COM-M20001-BRF-001-A_15 Datasheet
193Kb / 2P
   High Bandwidth Dual 2:1 Mux/DeMux Passive Switch
logo
Pericom Semiconductor C...
PI3HDMI412-A PERICOM-PI3HDMI412-A Datasheet
440Kb / 11P
   4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
PI3HDMI412FT PERICOM-PI3HDMI412FT Datasheet
383Kb / 9P
   4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch with Flow-through Pin Out
PI3HDMI412-B PERICOM-PI3HDMI412-B Datasheet
596Kb / 9P
   4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
logo
Potato Semiconductor Co...
PO3B22A POTATO-PO3B22A_14 Datasheet
1Mb / 5P
   Wide Bandwidth, Dual 2:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
logo
Potato Semiconductor Co...
PO3B512A POTATO-PO3B512A_14 Datasheet
1Mb / 5P
   Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com