Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU5305PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFU5305PBF
Description  HEXFET짰 Power MOSFET ( VDSS = -55V , RDS(on) = 0.065廓 , ID = -31A )
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU5305PBF Datasheet(HTML) 1 Page - International Rectifier

  IRFU5305PBF Datasheet HTML 1Page - International Rectifier IRFU5305PBF Datasheet HTML 2Page - International Rectifier IRFU5305PBF Datasheet HTML 3Page - International Rectifier IRFU5305PBF Datasheet HTML 4Page - International Rectifier IRFU5305PBF Datasheet HTML 5Page - International Rectifier IRFU5305PBF Datasheet HTML 6Page - International Rectifier IRFU5305PBF Datasheet HTML 7Page - International Rectifier IRFU5305PBF Datasheet HTML 8Page - International Rectifier IRFU5305PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IRFR5305PbF
IRFU5305PbF
HEXFET® Power MOSFET
Fifth Generation HEXFETs from International Rectifier utilize
advanced processing techniques to achieve extremely low
on-resistance per silicon area. This benefit, combined with
the fast switching speed and ruggedized device design that
HEXFET® Power MOSFETs are well known for, provides
the designer with an extremely efficient and reliable device
for use in a wide variety of applications.
The D-Pak is designed for surface mounting using vapor
phase, infrared, or wave soldering techniques. The straight
lead version (IRFU series) is for through-hole mounting
applications. Power dissipation levels up to 1.5 watts are
possible in typical surface mount applications.
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ -10V
-31
ID @ TC = 100°C
Continuous Drain Current, VGS @ -10V
-22
A
IDM
Pulsed Drain Current
†
-110
PD @TC = 25°C
Power Dissipation
110
W
Linear Derating Factor
0.71
W/
°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚†
280
mJ
IAR
Avalanche Current
†
-16
A
EAR
Repetitive Avalanche Energy

11
mJ
dv/dt
Peak Diode Recovery dv/dt
Ġ
-5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.4
RθJA
Junction-to-Ambient (PCB mount)*
–––
50
°C/W
RθJA
Junction-to-Ambient**
–––
110
Thermal Resistance
l Ultra Low On-Resistance
l Surface Mount (IRFR5305)
l Straight Lead (IRFU5305)
l Advanced Process Technology
l Fast Switching
l Fully Avalanche Rated
l Lead-Free
Description
12/13/04
D-Pak
I-Pak
IRFR5305
IRFU5305
PD-95025A
VDSS = -55V
RDS(on) = 0.065Ω
ID = -31A
S
D
G
www.irf.com
1


Similar Part No. - IRFU5305PBF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFU5305PBF KERSEMI-IRFU5305PBF Datasheet
3Mb / 10P
   Ultra Low On-Resistance
IRFU5305PBF KERSEMI-IRFU5305PBF Datasheet
3Mb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRFU5305PBF IRF-IRFU5305PBF Datasheet
249Kb / 11P
   Ultra Low On-Resistance
IRFU5305PBF IRF-IRFU5305PBF Datasheet
249Kb / 11P
   Ultra Low On-Resistance
More results

Similar Description - IRFU5305PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFIZ44N IRF-IRFIZ44N Datasheet
106Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.024ohm, Id=31A)
IRF5305 IRF-IRF5305 Datasheet
124Kb / 8P
   Power MOSFET(Vdss=-55V, Rds(on)=0.06ohm, Id=-31A)
IRFRU5305 IRF-IRFRU5305 Datasheet
156Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.065ohm, Id=-31A)
IRF5305S IRF-IRF5305S Datasheet
171Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.06ohm, Id=-31A)
IRF1405ZS-7PPBF IRF-IRF1405ZS-7PPBF Datasheet
696Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 4.9m廓 , ID = 120A )
IRFZ46N IRF-IRFZ46N_04 Datasheet
190Kb / 9P
   HEXFET짰 Power MOSFET(VDSS = 55V,RDS(on) = 16.5m廓,ID = 53A)
IRFZ44ZPBF IRF-IRFZ44ZPBF Datasheet
291Kb / 13P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 13.9m廓 , ID = 51A )
IRFR2905ZPBF IRF-IRFR2905ZPBF Datasheet
278Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 14.5m廓 , ID = 42A )
IRF7342PBF IRF-IRF7342PBF Datasheet
159Kb / 7P
   HEXFET짰 Power MOSFET (VDSS = -55V , RDS(on) = 0.105廓)
IRLZ34NSPBF IRF-IRLZ34NSPBF Datasheet
297Kb / 11P
   HEXFET Power MOSFET ( VDSS = 55V , RDS(on) = 0.035廓 , ID = 30A )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com