Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M12L64164A-7BG Datasheet(PDF) 5 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L64164A-7BG
Description  1M x 16 Bit x 4 Banks Synchronous DRAM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L64164A-7BG Datasheet(HTML) 5 Page - Elite Semiconductor Memory Technology Inc.

  M12L64164A-7BG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M12L64164A-7BG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M12L64164A-7BG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M12L64164A-7BG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M12L64164A-7BG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M12L64164A-7BG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M12L64164A-7BG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12L64164A-7BG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12L64164A-7BG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
ESMT
M12L64164A
Elite Semiconductor Memory Technology Inc.
Publication Date: Mar. 2007
Revision: 3.0
5/45
AC OPERATING TEST CONDITIONS (VDD = 3.3V ± 0.3V ,TA = 0 to 70 C
°
)
PARAMETER
VALUE
UNIT
Input levels (Vih/Vil)
2.4/0.4
V
Input timing measurement reference level
1.4
V
Input rise and fall-time
tr/tf = 1/1
ns
Output timing measurement reference level
1.4
V
Output load condition
See Fig. 2
(Fig. 1) DC Output Load Circuit
(Fig. 2) AC Output Load Circuit
OPERATING AC PARAMETER
(AC operating conditions unless otherwise noted)
VERSION
PARAMETER
SYMBOL
-5
-6
-7
UNIT
NOTE
Row active to row active delay
tRRD(min)
10
12
14
ns
1
RAS to CAS delay
tRCD(min)
15
18
20
ns
1
Row precharge time
tRP(min)
15
18
20
ns
1
tRAS(min)
38
40
42
ns
1
Row active time
tRAS(max)
100
us
@ Operating
tRC(min)
53
58
63
ns
1
Row cycle time
@ Auto refresh
tRFC(min)
55
60
70
ns
1,5
Last data in to col. address delay
tCDL(min)
1
CLK
2
Last data in to row precharge
tRDL(min)
2
CLK
2
Last data in to burst stop
tBDL(min)
1
CLK
2
Col. address to col. address delay
tCCD(min)
1
CLK
3
CAS latency = 3
2
Number of valid
Output data
CAS latency = 2
1
ea
4
Note : 1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time and then
rounding off to the next higher integer.
2. Minimum delay is required to complete with.
3. All parts allow every cycle column address change.
4. In case of row precharge interrupt, auto precharge and read burst stop.
5. A new command may be given tRFC after self refresh exit.
Output
870
VOH (DC) =2.4V , IOH = -2 mA
VOL (DC) =0.4V , IOL = 2 mA
Output
50pF
Z0 =50
50pF
50
Vtt = 1.4V
3.3V
1200


Similar Part No. - M12L64164A-7BG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L64164A-7BG ESMT-M12L64164A-7BG Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A-7BG2M ESMT-M12L64164A-7BG2M Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks
M12L64164A-7BG2Y ESMT-M12L64164A-7BG2Y Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks
More results

Similar Description - M12L64164A-7BG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6616A4A A-DATA-VDS6616A4A Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
logo
AMIC Technology
A43L2616A AMICC-A43L2616A Datasheet
1Mb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L64164A ESMT-M12L64164A_09 Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_1 Datasheet
818Kb / 44P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L2616B AMICC-A43L2616B Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M52L64164A ESMT-M52L64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A_0712 ESMT-M12L64164A_0712 Datasheet
826Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M52S64164A ESMT-M52S64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com