Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC02DTE4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74HC02DTE4
Description  QUADRUPLE 2-INPUT POSITIVE-NOR GATES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC02DTE4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74HC02DTE4 Datasheet HTML 1Page - Texas Instruments SN74HC02DTE4 Datasheet HTML 2Page - Texas Instruments SN74HC02DTE4 Datasheet HTML 3Page - Texas Instruments SN74HC02DTE4 Datasheet HTML 4Page - Texas Instruments SN74HC02DTE4 Datasheet HTML 5Page - Texas Instruments SN74HC02DTE4 Datasheet HTML 6Page - Texas Instruments SN74HC02DTE4 Datasheet HTML 7Page - Texas Instruments SN74HC02DTE4 Datasheet HTML 8Page - Texas Instruments SN74HC02DTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SN54HC02, SN74HC02
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SCLS076E – DECEMBER 1982 – REVISED AUGUST 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54HC02
SN74HC02
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
V
V = V
or V
I
= –20 A
2 V
1.9
1.998
1.9
1.9
V
V
V = V
or V
IOH = –20 µA
4.5 V
4.4
4.499
4.4
4.4
V
VOH
VI = VIH or VIL
OH
6 V
5.9
5.999
5.9
5.9
V
OH
IIH
IL
IOH = –4 mA
4.5 V
3.98
4.3
3.7
3.84
IOH = –5.2 mA
6 V
5.48
5.8
5.2
5.34
V
V = V
or V
I
= 20 A
2 V
0.002
0.1
0.1
0.1
V
V
V = V
or V
IOL = 20 µA
4.5 V
0.001
0.1
0.1
0.1
V
VOL
VI = VIH or VIL
OL
6 V
0.001
0.1
0.1
0.1
V
OL
IIH
IL
IOL = 4 mA
4.5 V
0.17
0.26
0.4
0.33
IOL = 5.2 mA
6 V
0.15
0.26
0.4
0.33
II
VI = VCC or 0
6 V
±0.1
±100
±1000
±1000
nA
ICC
VI = VCC or 0,
IO = 0
6 V
2
40
20
µA
Ci
2 V to 6 V
3
10
10
10
pF
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC02
SN74HC02
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
t
A or B
Y
2 V
45
90
135
115
ns
tpd
A or B
Y
4.5 V
9
18
27
23
ns
pd
6 V
8
15
23
20
t
Y
2 V
38
75
110
95
ns
tt
Y
4.5 V
8
15
22
19
ns
t
6 V
6
13
19
16
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per gate
No load
22
pF


Similar Part No. - SN74HC02DTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC02DTE4 TI-SN74HC02DTE4 Datasheet
700Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN74HC02DTE4 TI1-SN74HC02DTE4 Datasheet
1Mb / 29P
[Old version datasheet]   SNx4HC02 Quadruple 2-Input Positive-NOR Gates
More results

Similar Description - SN74HC02DTE4

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS02 HITACHI-HD74LS02 Datasheet
43Kb / 5P
   Quadruple 2-input Positive NOR Gates
logo
Texas Instruments
SN54F36 TI-SN54F36 Datasheet
142Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54ALS02A TI-SN54ALS02A_08 Datasheet
665Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHC02 TI-SN54AHC02 Datasheet
86Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCT02 TI-SN54AHCT02 Datasheet
83Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCC02 TI-SN54AHCC02 Datasheet
624Kb / 18P
[Old version datasheet]   QUADRUPLE 2 - INPUT POSITIVE - NOR GATES
SN54AHCT02 TI-SN54AHCT02_08 Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54HC02 TI-SN54HC02_09 Datasheet
700Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN5402 TI-SN5402_07 Datasheet
968Kb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
74AC11002D TI-74AC11002D Datasheet
83Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com