Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYT6120 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CYT6120
Description  1.5A CMOS Super LDO Voltage Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CYT6120 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CYT6120 Datasheet HTML 1Page - List of Unclassifed Manufacturers CYT6120 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CYT6120
Preliminary and all contents are subject to change without prior notice
1
Description
The
CYT6120 series of fixed output low dropout
linear regulators are designed for portable battery
powered applications, which require low power
consumption and low dropout voltage.
Each
device contains a bandgap voltage reference, an
error amplifier, a PMOS power transistor, and
resistors for setting output voltage, and current limit
and temperature limit protection circuits.
The
CYT6120 has been designed to be used
with low cost capacitors and requires a minimum
output capacitor of 1.0µF.
Standard voltage
versions are 3.3, 3.0V, and adjustable output from
0.8V to 4.5V.
Features
Typical 135mV Dropout Voltage at 500mA.
Excellent Line and Load Regulation.
High Accuracy Output Voltage of 2%.
Ultra-Low Ground Current at 62µA (Typ.)
Thermal and Over-Current Protection.
Standard SOT-223 Package.
Pin Configuration
Application
USB removable devices
MPEG4 HDD devices
Wireless LAN’s
Hand-Held Instrumentation.
Portable DVD players
Digital camera
Block Diagram


Similar Part No. - CYT6120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
CYT6118AKG ETC2-CYT6118AKG Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
CYT6118BKG ETC2-CYT6118BKG Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
CYT6118CKG ETC2-CYT6118CKG Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
CYT6118DKG ETC2-CYT6118DKG Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
More results

Similar Description - CYT6120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SE5120 ETC1-SE5120 Datasheet
120Kb / 2P
   1.5A CMOS Super LDO Voltage Regulator
logo
Seaward Electronics Inc...
SE5120 SEAWARD-SE5120 Datasheet
274Kb / 9P
   1.5A CMOS Ultra LDO Voltage Regulator
SE5220 SEAWARD-SE5220_10 Datasheet
168Kb / 7P
   1.5A CMOS Ultra LDO Voltage Regulator with EN
SE5220 SEAWARD-SE5220 Datasheet
101Kb / 2P
   1.5A CMOS Ultra LDO Voltage
logo
Analog Microelectronics
AME8816 AME-AME8816 Datasheet
112Kb / 14P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_11 Datasheet
191Kb / 6P
   1.5A CMOS LDO
L11815B UTC-L11815B_10 Datasheet
161Kb / 6P
   1.5A CMOS LDO
L11815A UTC-L11815A_12 Datasheet
186Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8817 AME-AME8817 Datasheet
81Kb / 10P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815B UTC-L11815B Datasheet
167Kb / 6P
   1.5A CMOS LDO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com