Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HCT4543 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HCT4543
Description  BCD-TO-7 SEGMENT LATCH/DECODER/DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT4543 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74HCT4543 Datasheet HTML 2Page - Texas Instruments CD74HCT4543 Datasheet HTML 3Page - Texas Instruments CD74HCT4543 Datasheet HTML 4Page - Texas Instruments CD74HCT4543 Datasheet HTML 5Page - Texas Instruments CD74HCT4543 Datasheet HTML 6Page - Texas Instruments CD74HCT4543 Datasheet HTML 7Page - Texas Instruments CD74HCT4543 Datasheet HTML 8Page - Texas Instruments CD74HCT4543 Datasheet HTML 9Page - Texas Instruments CD74HCT4543 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CD74HCT4543
BCD-TO-7 SEGMENT LATCH/DECODER/DRIVER
SCHS281A – REVISED MAY 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Test
Point
From Output
Under Test
CL
(see Note A)
VCC
S1
S2
LOAD CIRCUIT
PARAMETER
tPZH
tpd or tt
tdis
ten
tPZL
tPHZ
tPLZ
Open
Closed
S1
Closed
Open
S2
Open
Closed
Closed
Open
Open
Open
NOTES: A. CL includes probe and test-fixture capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having the following
characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns.
D. For clock inputs, fmax is measured with the input duty cycle at 50%.
E. The outputs are measured one at a time with one input transition per measurement.
F. tPLZ and tPHZ are the same as tdis.
G. tPZL and tPZH are the same as ten.
H. tPLH and tPHL are the same as tpd.
RL = 1 kΩ
VOLTAGE WAVEFORMS
SETUP AND HOLD AND INPUT RISE AND FALL TIMES
th
tsu
50% VCC
50% VCC
50%
10%
10%
90%
90%
VCC
VCC
0 V
0 V
tr
tf
Reference
Input
Data
Input
VOLTAGE WAVEFORMS
PROPAGATION DELAY AND OUTPUT TRANSITION TIMES
50% VCC
50% VCC
50%
10%
10%
90%
90%
VCC
VOH
VOL
0 V
tr
tf
Input
In-Phase
Output
50% VCC
tPLH
tPHL
50% VCC
50%
10%
10%
90%
90%
VOH
VOL
tr
tf
tPHL
tPLH
Out-of-Phase
Output
0 V
tw
VOLTAGE WAVEFORMS
PULSE DURATION
Input
50% VCC
50% VCC
VCC
Output
Control
Output
Waveform 1
(see Note B)
Output
Waveform 2
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
≈VCC
0 V
50% VCC
10%
50% VCC
≈0 V
VOLTAGE WAVEFORMS
OUTPUT ENABLE AND DISABLE TIMES
50% VCC
50% VCC
90%
VCC
VOLTAGE WAVEFORMS
RECOVERY TIME
50% VCC
VCC
0 V
CLR
Input
CLK
50% VCC
VCC
trec
0 V
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - CD74HCT4543

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT4543 TI-CD74HCT4543 Datasheet
198Kb / 7P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC(BCD-TO7 SEGMENT LATCH/DECODER/DRIVER FOR LCDS)
More results

Similar Description - CD74HCT4543

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4511B PHILIPS-HEF4511B Datasheet
108Kb / 11P
   BCD to 7-segment latch/decoder/driver
January 1995
logo
STMicroelectronics
M54HC4511 STMICROELECTRONICS-M54HC4511 Datasheet
269Kb / 13P
   BCD TO 7 SEGMENT LATCH/DECODER DRIVER
logo
Fairchild Semiconductor
CD4511BC FAIRCHILD-CD4511BC Datasheet
65Kb / 8P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
National Semiconductor ...
MM74HC4511 NSC-MM74HC4511 Datasheet
140Kb / 6P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
Nexperia B.V. All right...
HEF4543B NEXPERIA-HEF4543B Datasheet
239Kb / 13P
   BCD to 7-segment latch/decoder/driver
Rev. 8 - 24 November 2021
74HCT4511 NEXPERIA-74HCT4511 Datasheet
798Kb / 18P
   BCD to 7-segment latch/decoder/driver
Rev. 3 - 15 November 2016
logo
Toshiba Semiconductor
TC74HC4511AP TOSHIBA-TC74HC4511AP Datasheet
278Kb / 8P
   BCD-TO-7 SEGMENT LATCH/DECODER/DRIVER
logo
NXP Semiconductors
HEF4543B NXP-HEF4543B_09 Datasheet
107Kb / 16P
   BCD to 7-segment latch/decoder/driver
Rev. 05-27 October 2009
HEF4543B PHILIPS-HEF4543B_15 Datasheet
230Kb / 17P
   BCD to 7-segment latch/decoder/driver
Rev. 6-17 November 2011
logo
National Semiconductor ...
CD4511BM NSC-CD4511BM Datasheet
145Kb / 8P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
NXP Semiconductors
HEF4543B PHILIPS-HEF4543B Datasheet
85Kb / 8P
   BCD to 7-segment latch/decoder/driver
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com