Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT6218 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT6218
Description  300mA CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT6218 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT6218 Datasheet HTML 2Page - Catalyst Semiconductor CAT6218 Datasheet HTML 3Page - Catalyst Semiconductor CAT6218 Datasheet HTML 4Page - Catalyst Semiconductor CAT6218 Datasheet HTML 5Page - Catalyst Semiconductor CAT6218 Datasheet HTML 6Page - Catalyst Semiconductor CAT6218 Datasheet HTML 7Page - Catalyst Semiconductor CAT6218 Datasheet HTML 8Page - Catalyst Semiconductor CAT6218 Datasheet HTML 9Page - Catalyst Semiconductor CAT6218 Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CAT6218
© 2007 Catalyst Semiconductor, Inc.
9
Doc. No. MD-4010 Rev. A
Characteristics subject to change without notice
EXAMPLE OF ORDERING INFORMATION (1)(2)(3)(5)
Notes:
(1) All packages are RoHS-compliant (Lead-free, Halogen-free).
(2) The standard finish is NiPdAu.
(3) The device used in the above example is a CAT6218-180 TD-GT3 (VOUT = 1.8V, in an TSOT-23 package, NiPdAu, Tape and Reel, 3000 units).
(4) Standard voltages are 2.4V, 2.7V, 3.0V, and 3.3V. For other voltage options, please contact your nearest Catalyst Semiconductor Sales
office.
(5) Top marking for CAT6218 is RU.
Part Number
VOUT Voltage
Package
Quantity per Reel
CAT6218-180TD-GT3
(4)
1.80V
TSOT-23
3000
CAT6218-240TD-GT3
2.40V
TSOT-23
3000
CAT6218-270TD-GT3
2.70V
TSOT-23
3000
CAT6218-285TD-GT3
(4)
2.85V
TSOT-23
3000
CAT6218-300TD-GT3
3.00V
TSOT-23
3000
CAT6218-320TD-GT3
(4)
3.20V
TSOT-23
3000
CAT6218-330TD-GT3
3.30V
TSOT-23
3000
Prefix Device #
Suffix
CAT
6218
-180
TD
-G
T3
Product Number
6218
VOUT Voltage
(4)
180: 1.80V
240: 2.40V
270: 2.70V
285: 2.85V
300: 3.00V
320: 3.20V
330: 3.30V
Company ID
Package
TD: TSOT-23
Lead Finish
G: NiPdAu
Tape & Reel
T: Tape & Reel
3: 3000 Units/Reel


Similar Part No. - CAT6218

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6218 CATALYST-CAT6218 Datasheet
274Kb / 10P
   300mA CMOS LDO Regulator
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218 ONSEMI-CAT6218 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
logo
Catalyst Semiconductor
CAT6218-150TD-GT3 CATALYST-CAT6218-150TD-GT3 Datasheet
274Kb / 10P
   300mA CMOS LDO Regulator
logo
ON Semiconductor
CAT6218-150TDGT3 ONSEMI-CAT6218-150TDGT3 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
More results

Similar Description - CAT6218

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6218 CATALYST-CAT6218_08 Datasheet
274Kb / 10P
   300mA CMOS LDO Regulator
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
ELM Technology Corporat...
ELM88121AA-S ELM-TECH-ELM88121AA-S Datasheet
204Kb / 21P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167 Datasheet
297Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Electronics
ELM88 ELM-ELM88 Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM88-SERIES ELM-TECH-ELM88-SERIES Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com