Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC541PWT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC541PWT
Description  OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC541PWT Datasheet(HTML) 1 Page - Texas Instruments

  SN74HC541PWT Datasheet HTML 1Page - Texas Instruments SN74HC541PWT Datasheet HTML 2Page - Texas Instruments SN74HC541PWT Datasheet HTML 3Page - Texas Instruments SN74HC541PWT Datasheet HTML 4Page - Texas Instruments SN74HC541PWT Datasheet HTML 5Page - Texas Instruments SN74HC541PWT Datasheet HTML 6Page - Texas Instruments SN74HC541PWT Datasheet HTML 7Page - Texas Instruments SN74HC541PWT Datasheet HTML 8Page - Texas Instruments SN74HC541PWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN54HC541, SN74HC541
OCTAL BUFFERS AND LINE DRIVERS
WITH 3-STATE OUTPUTS
SCLS305C – JANUARY 1996 – REVISED AUGUST 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D High-Current 3-State Outputs Drive Bus
Lines Directly or Up To 15 LSTTL Loads
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 10 ns
D ±6-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D Data Flow-Through Pinout (All Inputs on
Opposite Side From Outputs)
description/ordering information
These octal buffers and line drivers feature the
performance of the ’HC240 devices and a pinout
with inputs and outputs on opposite sides of the
package. This arrangement greatly facilitates
printed circuit board layout.
The 3-state outputs are controlled by a two-input
NOR gate. If either output-enable (OE1 or OE2)
input is high, all eight outputs are in the
high-impedance state. The ’HC541 devices
provide true data at the outputs.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
–40 C to 85 C
PDIP – N
Tube of 20
SN74HC541N
SN74HC541N
–40 C to 85 C
SOIC – DW
Tube of 25
SN74HC541DW
HC541
–40 C to 85 C
SOIC – DW
Reel of 2000
SN74HC541DWR
HC541
–40
°C to 85°C
SOP – NS
Reel of 2000
SN74HC541NSR
HC541
–40
°C to 85°C
SSOP – DB
Reel of 2000
SN74HC541DBR
HC541
TSSOP – PW
Tube of 70
SN74HC541PW
HC541
TSSOP – PW
Reel of 2000
SN74HC541PWR
HC541
Reel of 250
SN74HC541PWT
–55 C to 125 C
CDIP – J
Tube of 20
SNJ54HC541J
SNJ54HC541J
–55
°C to 125°C
CFP – W
Tube of 85
SNJ54HC541W
SNJ54HC541W
LCCC – FK
Tube of 55
SNJ54HC541FK
SNJ54HC541FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE1
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
OE2
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
SN54HC541 ...J OR W PACKAGE
SN74HC541 . . . DB, DW, N, NS, OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
Y1
Y2
Y3
Y4
Y5
A3
A4
A5
A6
A7
SN54HC541 . . . FK PACKAGE
(TOP VIEW)
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74HC541PWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC541PWT TI-SN74HC541PWT Datasheet
460Kb / 15P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HC541PWT TI1-SN74HC541PWT Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN74HC541PWTE4 TI-SN74HC541PWTE4 Datasheet
460Kb / 15P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74HC541PWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC241 TI-SN54HC241_06 Datasheet
433Kb / 14P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541_07 Datasheet
512Kb / 18P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54ALS244C TI-SN54ALS244C Datasheet
535Kb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT244 TI1-SN54HCT244_16 Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HCT541 TI-SN74HCT541 Datasheet
336Kb / 13P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3 STATE OUTPUTS
SN54HC244 TI-SN54HC244 Datasheet
534Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT244 TI-SN54HCT244 Datasheet
529Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC241 TI1-SN54HC241_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54LS240 TI-SN54LS240_06 Datasheet
638Kb / 24P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com