Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1626 Datasheet(PDF) 3 Page - EPCOS

Part # B1626
Description  SAW RF low loss filter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B1626 Datasheet(HTML) 3 Page - EPCOS

  B1626 Datasheet HTML 1Page - EPCOS B1626 Datasheet HTML 2Page - EPCOS B1626 Datasheet HTML 3Page - EPCOS B1626 Datasheet HTML 4Page - EPCOS B1626 Datasheet HTML 5Page - EPCOS B1626 Datasheet HTML 6Page - EPCOS B1626 Datasheet HTML 7Page - EPCOS B1626 Datasheet HTML 8Page - EPCOS B1626 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
April 30, 2007
B1626
1790.48 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF low loss filter
Data Sheet
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =
150
Terminating load impedance:
ZL =
150
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
1790.48
MHz
Maximum insertion attenuation
α
max
1770.48 ... 1810.48 MHz
4.9
5.5
dB
Pass bandwidth
Β1.5dΒ
α
rel< 1.5dB
57.0
MHz
Amplitude ripple (p-p)
∆α
1770.48 ... 1810.48 MHz
2.1
2.7
dB
Group delay ripple (p-p)
∆τ
1770.48 ... 1810.48 MHz
5.0
20.0
ns
Deviation from linear phase (rms)
in any 30MHz band
∆τ
1770.48 ... 1810.48 MHz
1.5
3.5
Relative attenuation (relative to
α
max)
α
50.0
... 1708.42 MHz
46.0
51.0
dB
1872.54 ... 1900.00 MHz
39.0
50.0
dB
1900.00 ... 2000.00 MHz
45.0
58.0
2000.00 ... 6000.00 MHz
20.0


Similar Part No. - B1626

ManufacturerPart #DatasheetDescription
logo
EPCOS
B1621 EPCOS-B1621 Datasheet
51Kb / 6P
   SAW RF low loss filter
B1622 EPCOS-B1622 Datasheet
52Kb / 6P
   SAW RF low loss filter
B1623 EPCOS-B1623 Datasheet
50Kb / 6P
   SAW RF low loss filter
B1624 EPCOS-B1624 Datasheet
51Kb / 6P
   SAW RF low loss filter
logo
Sanken electric
B1625 SANKEN-B1625 Datasheet
25Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio, Series Regulator and General Purpose)
More results

Similar Description - B1626

ManufacturerPart #DatasheetDescription
logo
EPCOS
B1616 EPCOS-B1616 Datasheet
56Kb / 6P
   SAW RF low loss filter
B1636 EPCOS-B1636 Datasheet
63Kb / 7P
   SAW RF low loss filter
logo
TDK Electronics
B39202B1650B510 TDK-B39202B1650B510 Datasheet
107Kb / 8P
   SAW RF low loss filter
logo
EPCOS
B1634 EPCOS-B1634 Datasheet
63Kb / 7P
   SAW RF low loss filter
B1644 EPCOS-B1644 Datasheet
67Kb / 9P
   SAW RF low loss filter
logo
TDK Electronics
B39192B1638U510 TDK-B39192B1638U510 Datasheet
83Kb / 7P
   SAW RF low loss filter
B39192B1660B510 TDK-B39192B1660B510 Datasheet
85Kb / 7P
   SAW RF low loss filter
B39172B1667U510 TDK-B39172B1667U510 Datasheet
172Kb / 7P
   SAW RF low loss filter
logo
RF Monolithics, Inc
SF2294E RFM-SF2294E Datasheet
112Kb / 4P
   Low Loss RF SAW Filter
logo
Transko Electronics, In...
TF-5022-ND TRANSKO-TF-5022-ND Datasheet
393Kb / 3P
   Low-loss RF SAW filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com