Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F49L400UA Datasheet(PDF) 5 Page - Elite Semiconductor Memory Technology Inc.

Part # F49L400UA
Description  4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F49L400UA Datasheet(HTML) 5 Page - Elite Semiconductor Memory Technology Inc.

  F49L400UA Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. F49L400UA Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. F49L400UA Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F49L400UA Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F49L400UA Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F49L400UA Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F49L400UA Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F49L400UA Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F49L400UA Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
EFST
F49L400UA/F49L400BA
Elite Flash Storage Technology Inc.
Publication Date : Sep. 2006
Revision: 1.1
5/47
7. FUNCTIONAL DESCRIPTION
7.1 Device operation
This section describes the requirements and use
of the device bus operations, which are initiated
through the internal command register. The
register is composed of latches that store the
command, address and data information needed
to execute the command. The contents of the
register serve as inputs to the internal state
machine. The state machine outputs dictate the
function
of
the
device.
The
F49L400UA/F49L400BA features various bus
operations as Table 3.
Table 3. F49L400UA/F49L400BA Operation Modes Selection
ADDRESS
DESCRIPTION
CE
OE WE
RESET
A17
|
A12
A11
|
A10
A9
A8
|
A7
A6
A5
|
A2
A1 A0
DQ0~DQ7
Reset(3)
X
X
X
L, Vss±
0.3V(3)
X
High Z
Read
L
L
H
H
AIN
Dout
Write
L
H
L
H
AIN
DIN
Output Disable
L
H
H
H
X
High Z
Standby
VCC±
0.3V
X
X
VCC±
0.3V
X
High Z
Sector Protect(2)
L
H
L
VID
SA
X
X
X
L
X
H
L
DIN
Sector Unprotect(2)
L
H
L
VID
SA
X
X
X
H
X
H
L
DIN
Temporary sector unprotect
X
X
X
VID
AIN
DIN
Auto-select
See Table 4
Notes:
1.
L= Logic Low = VIL, H= Logic High = VIH, X= Don't Care, SA= Sector Address, VID=11.5V to 12.5V.
AIN= Address In, DIN = Data In, Dout = Data Out.
2. The sector protect and unprotect functions may also be implemented via programming equipment.
3. See “Reset Mode” section.


Similar Part No. - F49L400UA

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L004BA ESMT-F49L004BA Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L004BA-70N ESMT-F49L004BA-70N Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L004BA-70T ESMT-F49L004BA-70T Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L004BA-90N ESMT-F49L004BA-90N Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L004BA-90T ESMT-F49L004BA-90T Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
More results

Similar Description - F49L400UA

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L004UA ESMT-F49L004UA Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L040A ESMT-F49L040A Datasheet
393Kb / 41P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA_08 Datasheet
464Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA_1 Datasheet
473Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA Datasheet
416Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
logo
Macronix International
MX29LV400T MCNIX-MX29LV400T Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV401T MCNIX-MX29LV401T Datasheet
986Kb / 56P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CT MCNIX-MX29LV400CT Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
Hynix Semiconductor
HY29LV400 HYNIX-HY29LV400 Datasheet
549Kb / 40P
   4 Mbit (512K x 8/256K x 16) Low Voltage Flash Memory
logo
ATMEL Corporation
AT49F004 ATMEL-AT49F004 Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com