Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F49L400UA Datasheet(PDF) 10 Page - Elite Semiconductor Memory Technology Inc.

Part # F49L400UA
Description  4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F49L400UA Datasheet(HTML) 10 Page - Elite Semiconductor Memory Technology Inc.

Back Button F49L400UA Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F49L400UA Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F49L400UA Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F49L400UA Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. F49L400UA Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. F49L400UA Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. F49L400UA Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. F49L400UA Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. F49L400UA Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
EFST
F49L400UA/F49L400BA
Elite Flash Storage Technology Inc.
Publication Date : Sep. 2006
Revision: 1.1
10/47
Table 5. F49L400UA/F49L400BA Software Command Definitions
1st Bus
Cycle
2nd Bus
Cycle
3rd Bus
Cycle
4th Bus
Cycle
5th Bus
Cycle
6th Bus
Cycle
Command
Bus
Cycles
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Reset (5)
1
XXXH F0H
-
-
-
-
-
-
-
-
-
-
Read (4)
1
RA
RD
-
-
-
-
-
-
-
-
-
-
Word
4
555H
AAH 2AAH
55H
555H
A0H
PA
PD
Program
Byte
4
AAAH AAH
555H
55H AAAH A0H
PA
PD
Word
6
555H
AAH 2AAH
55H
555H
80H
555H
AAH 2AAH
55H
555H
10H
Chip Erase
Byte
6
AAAH AAH
555H
55H AAAH 80H AAAH AAH
555H
55H AAAH 10H
Word
6
555H
AAH 2AAH
55H
555H
80H
555H
AAH 2AAH
55H
SA
30H
Sector Erase
Byte
6
AAAH AAH
555H
55H AAAH 80H AAAH AAH
555H
55H
SA
30H
Sector Erase
Suspend (6)
1
XXXH B0H
-
-
-
-
-
-
-
-
-
-
Sector Erase Resume
(7)
1
XXXH 30H
-
-
-
-
-
-
-
-
-
-
Auto-select
See Table 6.
Notes:
1. X = don’t care
RA = Address of memory location to be read.
RD = Data to be read at location RA.
PA = Address of memory location to be programmed.
PD = Data to be programmed at location PA.
SA = Address of the sector.
2. Except Read command and Auto-select command, all command bus cycles are write operations.
3. The system should generate the following address patterns: 555H or 2AAH to address A10~A0 in word mode
/ AAAH or 555H to address A10~A-1 in byte mode.
4. Address bits A17–A11 are don’t cares.
5. No command cycles required when reading array data.
6. The Reset command is required to return to reading array data when device is in the auto-select mode, or if
DQ5 goes high(while the device is providing status data).
7. The system may read and program in non-erasing sectors, or enter the auto-select mode, when in the Erase
Suspend mode. The Erase Suspend command is valid only during a sector erase operation.
8. The Erase Resume command is valid only during the Erase Suspend mode.


Similar Part No. - F49L400UA

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L004BA ESMT-F49L004BA Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L004BA-70N ESMT-F49L004BA-70N Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L004BA-70T ESMT-F49L004BA-70T Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L004BA-90N ESMT-F49L004BA-90N Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L004BA-90T ESMT-F49L004BA-90T Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
More results

Similar Description - F49L400UA

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L004UA ESMT-F49L004UA Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L040A ESMT-F49L040A Datasheet
393Kb / 41P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA_08 Datasheet
464Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA_1 Datasheet
473Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA Datasheet
416Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
logo
Macronix International
MX29LV400T MCNIX-MX29LV400T Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV401T MCNIX-MX29LV401T Datasheet
986Kb / 56P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CT MCNIX-MX29LV400CT Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
Hynix Semiconductor
HY29LV400 HYNIX-HY29LV400 Datasheet
549Kb / 40P
   4 Mbit (512K x 8/256K x 16) Low Voltage Flash Memory
logo
ATMEL Corporation
AT49F004 ATMEL-AT49F004 Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com