Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F49L160UA Datasheet(PDF) 9 Page - Elite Semiconductor Memory Technology Inc.

Part # F49L160UA
Description  16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F49L160UA Datasheet(HTML) 9 Page - Elite Semiconductor Memory Technology Inc.

Back Button F49L160UA Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F49L160UA Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F49L160UA Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F49L160UA Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F49L160UA Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. F49L160UA Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. F49L160UA Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. F49L160UA Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. F49L160UA Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
ESMT
F49L160UA/F49L160BA
Elite Semiconductor Memory Technology Inc.
Publication Date : Dec. 2006
Revision: 1.3
9/51
Temporary Sector Unprotect Mode
This feature allows temporary unprotection of previously
protected sector to change data in-system. This mode is
activated by setting the
ESET
R
pin to VID(10V-10.5V).
During this mode, all formerly protected sectors are
un-protected and can be programmed or erased by
selecting the sector addresses. Once VID is removed from
the
ESET
R
pin, all the previously protected sectors are
protected again.
Notes:
1. All protected sectors unprotected.
2. All previously protected sectors are protected once again.
Start
RESET = VID (Note 1)
Perform Erase or
Program Operation
RESET = VIH
Temporary Sector
Unprotect Completed
(Note 2)
Operation Completed


Similar Part No. - F49L160UA

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA Datasheet
484Kb / 50P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA Datasheet
464Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA-70TG ESMT-F49L160UA-70TG Datasheet
484Kb / 50P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA-90TG ESMT-F49L160UA-90TG Datasheet
484Kb / 50P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA-90TIG ESMT-F49L160UA-90TIG Datasheet
464Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
More results

Similar Description - F49L160UA

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_08 Datasheet
484Kb / 50P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA_1 Datasheet
473Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA_08 Datasheet
464Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA Datasheet
416Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L320UA ESMT-F49L320UA Datasheet
546Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
F49L320UA ESMT-F49L320UA_1 Datasheet
548Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
logo
Toshiba Semiconductor
TC58FVB160AF TOSHIBA-TC58FVB160AF Datasheet
539Kb / 41P
   16-MBIT (2M x 8 BITS / 1M x 16 BITS) CMOS FLASH MEMORY
logo
Hynix Semiconductor
HY29LV160 HYNIX-HY29LV160 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
logo
ATMEL Corporation
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com