Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZW06-33 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BZW06-33
Description  Unidirectional and bidirectional Transient Voltage Suppressor Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BZW06-33 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BZW06-33 Datasheet HTML 1Page - Diotec Semiconductor BZW06-33 Datasheet HTML 2Page - Diotec Semiconductor BZW06-33 Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BZW06-5V8 ... BZW06-376B
BZW06-5V8 ... BZW06-376B
Unidirectional and bidirectional Transient Voltage Suppressor Diodes
Unidirektionale und bidirektionale Spannungs-Begrenzer-Dioden
Version 2005-07-19
Dimensions - Maße [mm]
Peak pulse power dissipation
Impuls-Verlustleistung
600 W
Nominal stand-off voltage
Nominale Sperrspannung
5.8...376 V
Plastic case
Kunststoffgehäuse
DO-15
(DO-204AC)
Weight approx.
Gewicht ca.
0.4 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped in ammo pack
Standard Lieferform gegurtet in Ammo-Pack
For bidirectional types (add suffix “B”), electrical characteristics apply in both directions.
Für bidirektionale Dioden (ergänze Suffix “B”) gelten die elektrischen Werte in beiden Richtungen.
Maximum ratings and Characteristics
Grenz- und Kennwerte
Peak pulse power dissipation (10/1000 µs waveform)
Impuls-Verlustleistung (Strom-Impuls 10/1000 µs)
TA = 25°C
PPPM
600 W 1)
Steady state power dissipation
Verlustleistung im Dauerbetrieb
TL = 75°C
P
M(AV)
5 W
Peak forward surge current, 60 Hz half sine-wave
Stoßstrom für eine 60 Hz Sinus-Halbwelle
TA = 25°C
I
FSM
100 A 2)
Max. instantaneous forward voltage
Augenblickswert der Durchlass-Spannung
I
F = 50 A
V
BR ≤ 200 V
V
BR > 200 V
VF
VF
< 3.0 V 2)
< 6.5 V 2)
Operating junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+175°C
-50...+175°C
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 45 K/W
Thermal resistance junction to terminal
Wärmewiderstand Sperrschicht – Anschluss
RthL
< 15 K/W
1
Non-repetitive pulse see curve I
PP = f (t) / PPP = f (t)
Höchstzulässiger Spitzenwert eines einmaligen Impulses, siehe Kurve I
PP = f (t) / PPP = f (t)
2
Unidirectional diodes only – Nur für unidirektionale Dioden
© Diotec Semiconductor AG
http://www.diotec.com/
1
Ø
±0.05
0.8
Ø
±0.05
3


Similar Part No. - BZW06-33

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW06-33 STMICROELECTRONICS-BZW06-33 Datasheet
172Kb / 6P
   TRANSIL
BZW06-33 STMICROELECTRONICS-BZW06-33 Datasheet
176Kb / 6P
   PEAK PULSE POWER 600 W (10/1000ms)
logo
Diotec Semiconductor
BZW06-33 DIOTEC-BZW06-33 Datasheet
143Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
New Jersey Semi-Conduct...
BZW06-33 NJSEMI-BZW06-33 Datasheet
91Kb / 2P
   600 Watts Transient Voltage Suppressor Diodes
logo
Semikron International
BZW06-33 SEMIKRON-BZW06-33 Datasheet
151Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
More results

Similar Description - BZW06-33

ManufacturerPart #DatasheetDescription
logo
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE6 SEMIKRON-P4KE6 Datasheet
160Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMBJ150 SEMIKRON-P6SMBJ150_07 Datasheet
157Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
3KP130 SEMIKRON-3KP130_09 Datasheet
413Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
1.5KE6.8 DIOTEC-1.5KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com