Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F25L016A Datasheet(PDF) 1 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L016A
Description  16Mbit (2Mx8) 3V Only Serial Flash Memory
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L016A Datasheet(HTML) 1 Page - Elite Semiconductor Memory Technology Inc.

  F25L016A Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. F25L016A Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. F25L016A Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F25L016A Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F25L016A Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25L016A Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25L016A Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25L016A Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25L016A Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
ESMT
F25L016A
Elite Semiconductor Memory Technology Inc.
Publication Date: Mar. 2007
Revision: 1.2
1/31
16Mbit (2Mx8)
3V Only Serial Flash Memory
FEATURES
Single supply voltage 2.7~3.6V
Speed
- Read max frequency : 33MHz
- Fast Read max frequency : 50MHz;100MHz
Low power consumption
- typical active current
- 15 μ A typical standby current
Reliability
- 100,000 typical program/erase cycles
- 20 years Data Retention
Program
- Byte program time 7 μ s(typical)
Erase
- Chip erase time 10s(typical)
- Sector erase time 60ms(typical)
block erase time 1sec (typical)
Auto Address Increment (AAI) WORD Programming
- Decrease total chip programming time over
Word-Program operations
SPI Serial Interface
- SPI Compatible : Mode 0 and Mode3
End of program or erase detection
Write Protect ( WP )
Hold Pin ( HOLD )
Package available
- 8-pin SOIC 200-mil
ORDERING INFORMATION
Part No.
Speed
Package
COMMENTS
F25L016A –50PAG 50MHz
8 lead SOIC
200mil
Pb-free
F25L016A –100PAG 100MHz
8 lead SOIC
200mil
Pb-free
GENERAL DESCRIPTION
The F25L016A is a 16Megablt, 3V only CMOS Serial Flash
memory device organized as 2M bytes of 8 bits. This device is
packaged in 8-lead SOIC 200mil. ESMT’s memory devices
reliably store memory data even after 100,000 program and
erase cycles.
The F25L016A features a sector erase architecture. The device
memory array is divided into 512 uniform sectors with 4K byte
each ; 32 uniform blocks with 64K byte each. Sectors can be
erased individually without affecting the data in other sectors.
Blocks can be erased individually without affecting the data in
other blocks. Whole chip erase capabilities provide the flexibility
to revise the data in the device.
The sector protect/unprotect feature disables both program and
erase operations in any combination of the sectors of the
memory.


Similar Part No. - F25L016A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L016A ESMT-F25L016A Datasheet
376Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L016A ESMT-F25L016A Datasheet
379Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L016A-100PAG ESMT-F25L016A-100PAG Datasheet
376Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L016A-100PAIG ESMT-F25L016A-100PAIG Datasheet
379Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L016A-50PAG ESMT-F25L016A-50PAG Datasheet
376Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
More results

Similar Description - F25L016A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L016A ESMT-F25L016A_08 Datasheet
376Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L016A ESMT-F25L016A_1 Datasheet
379Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
logo
Macronix International
MX29LV017B MCNIX-MX29LV017B Datasheet
340Kb / 55P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
Elite Semiconductor Mem...
F25L008A ESMT-F25L008A_08 Datasheet
373Kb / 32P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L004A ESMT-F25L004A Datasheet
379Kb / 32P
   4Mbit (512Kx8) 3V Only Serial Flash Memory
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
F25L008A ESMT-F25L008A Datasheet
359Kb / 31P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
F25L008A ESMT-F25L008A_1 Datasheet
368Kb / 30P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
logo
Macronix International
MX29LV160CT MCNIX-MX29LV160CT Datasheet
921Kb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com