Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3VDP411LST Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI3VDP411LST
Description  Digital Video Level Shifter for dual mode DP signals w/ inverting buffer for HPD signal
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP411LST Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI3VDP411LST Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
PS8906A
08/28/07
PI3VDP411LST
Digital Video Level Shifter for dual mode DP
signals w/ inverting buffer for HPD signal
Table 8: HPD Input Characteristics
Symbol
Parameter
Min
Nom
Max
Units
Comments
VIH-HPD
Input High Level
2.0
5.0
5.3
V
Low-speed input changes state on
cable plug/unplug
VIL-HPD
HPD_sink Input
Low Level
0
0.8
V
IIN-HPD
HPD_sink Input
Leakage Current
70
μA
Measured with HPD_sink at VIH-HPD
max and VIL-HPD min
VOH-HPDB
HPD_Source#
Output High-Lev-
el, IOH = -20mA
0.8
1.1
V
VCC = 3.3V ± 10%
VOL-HPDB
HPD_Source#
Output Low-Lev-
el, IOL = 1mA
0
0.1
V
THPD
HPD_Source# to
HPD_source pro-
pogation delay
200
ns
Time from HPD_sink changing state
to HPD_source# changing state. In-
cludes HPD_source rise/fall time
TRF-HPDB
HPD_Source#
rise/fall time
1
20
ns
Time required to transition from VOH-
HPD to VOL-HPD or from VOL-HPD to
VOH-HPD
Table 9: OE Input and DDC_EN
Symbol
Parameter
Min
Nom
Max
Units
Comments
VIH
Input High Level
2.0
VCC3V
V
TMDS enable input changes state
on cable plug/unplug
VIL
Input Low Level
0
0.8
V
IIN
Input Leakage Current
10
μA
Measured with input at VIH-EN
max and VIL-EN min
DDC I/O Pins (SCL, SCL_SINK, SDA, SDA_SINK)
|Ilkg|
Input leakage current
VI = 0.1VCC to 0.9VCC to isolated
DDC ports
0.1
2
μA
CIO
Input/output capacitance
VI = 0V
7.5
pF
RON
Switch resistance
IO = 3mA, VO = 0.4V
25
50
ohm
VPASS
Switch output voltage
VI = 3.3V, II = 100μA
1.5(2)
2.0
2.5(3)
V
Status Pins (HPD)
VOH(TTL) TTL High-level output voltage
IOH = -8mA
2.4
V
VOL(TTL) TTL Low-level output voltage
IOH = 8mA
0.4
V
07-0191


Similar Part No. - PI3VDP411LST

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3VDP411LS PERICOM-PI3VDP411LS Datasheet
439Kb / 11P
   Digital Video Level Shifter from AC coupled digital video input to a DVI/HDMI transmitter
PI3VDP411LSA PERICOM-PI3VDP411LSA Datasheet
635Kb / 13P
   Dual Mode DisplayPort to DVI/HDMI Electrical bridge (Level Shifter)
logo
Diodes Incorporated
PI3VDP411LSR DIODES-PI3VDP411LSR Datasheet
616Kb / 10P
   Dual Mode DisplayPort??to DVI/HDMI??Electrical Bridge (Level Shifter)
08/23/11
PI3VDP411LSRZBE DIODES-PI3VDP411LSRZBE Datasheet
616Kb / 10P
   Dual Mode DisplayPort??to DVI/HDMI??Electrical Bridge (Level Shifter)
08/23/11
logo
Pericom Semiconductor C...
PI3VDP411LSZBE PERICOM-PI3VDP411LSZBE Datasheet
594Kb / 13P
   Digital Video Level Shifter from AC coupled digital video input to a DVI/HDMI transmitter
More results

Similar Description - PI3VDP411LST

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3300A NXP-PTN3300A Datasheet
133Kb / 23P
   DVI/HDMI level shifter with inverting 1.1 V HPD
Rev. 01-30 June 2008
PTN3360A NXP-PTN3360A Datasheet
395Kb / 21P
   Enhanced performance HDMI/DVI level shifter with inverting HPD
Rev. 02-8 October 2009
logo
ON Semiconductor
MC74VHC1GT04 ONSEMI-MC74VHC1GT04_16 Datasheet
81Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter
July, 2016 ??Rev. 18
NL17SHT04 ONSEMI-NL17SHT04 Datasheet
103Kb / 5P
   Inverting Buffer CMOS Logic Level Shifter
August, 2011 ??Rev. 0
MC74VHC1GT04DT1G ONSEMI-MC74VHC1GT04DT1G Datasheet
127Kb / 6P
   Inverting Buffer CMOS Logic Level Shifter
February, 2013 ??Rev. 16
MC74VHC1GT04 ONSEMI-MC74VHC1GT04 Datasheet
186Kb / 8P
   Inverting Buffer/CMOS Logic Level Shifter
November, 1999 ??Rev. 1
MC74VHC1GT04 ONSEMI-MC74VHC1GT04_07 Datasheet
73Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter CMOS Logic Level Shifter
February, 2007 ??Rev. 14
logo
Chrontel, Inc.
CH7530A CHRONTEL-CH7530A Datasheet
211Kb / 7P
   CH7530A DP Level Shifter
Rev 1.3
logo
Pericom Semiconductor C...
PI3VST01 PERICOM-PI3VST01 Datasheet
740Kb / 7P
   HPD signal Generator for VGA
logo
Keysight Technologies
N7623B KEYSIGHT-N7623B Datasheet
1Mb / 12P
   Signal Studio for Digital Video
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com