Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4PC50FDPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRG4PC50FDPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC50FDPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRG4PC50FDPBF Datasheet HTML 3Page - International Rectifier IRG4PC50FDPBF Datasheet HTML 4Page - International Rectifier IRG4PC50FDPBF Datasheet HTML 5Page - International Rectifier IRG4PC50FDPBF Datasheet HTML 6Page - International Rectifier IRG4PC50FDPBF Datasheet HTML 7Page - International Rectifier IRG4PC50FDPBF Datasheet HTML 8Page - International Rectifier IRG4PC50FDPBF Datasheet HTML 9Page - International Rectifier IRG4PC50FDPBF Datasheet HTML 10Page - International Rectifier IRG4PC50FDPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IRG4PC50FDPbF
10
www.irf.com
Notes:
QRepetitive rating: VGE=20V; pulse width limited by maximum junction temperature (figure 20)
RVCC=80%(VCES), VGE=20V, L=10µH, RG = 5.0Ω (figure 19)
SPulse width ≤ 80µs; duty factor ≤ 0.1%.
TPulse width 5.0µs, single shot.
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 04/04
TO-247AC Part Marking Information
EXAMPLE:
AS S EMB LE D ON WW 35, 2000
LOT CODE 5657
WIT H ASSE MB LY
T HIS IS AN IRF PE30
IN T HE AS S E MB LY LINE "H"
035H
LOGO
INT ERNAT IONAL
RE CT IF IE R
IRF PE 30
LOT CODE
AS S EMB LY
56
57
PART NUMB E R
DAT E CODE
YE AR 0 = 2000
WEEK 35
LINE H
Note: "P" in assembly line
position indicates "Lead-Free"
TO-247AC Package Outline
Dimensions are shown in millimeters (inches)


Similar Part No. - IRG4PC50FDPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PC50FDPBF IRF-IRG4PC50FDPBF Datasheet
763Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC50FDPBF IRF-IRG4PC50FDPBF Datasheet
763Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC50FDPBF IRF-IRG4PC50FDPBF_15 Datasheet
763Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRG4PC50FDPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com