Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR100-04 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BR100-04
Description  Bidirectional Si-Trigger-Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BR100-04 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BR100-04 Datasheet HTML 1Page - Diotec Semiconductor BR100-04 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BR100-03 ... BR100-04
BR100-03 ... BR100-04
Bidirectional Si-Trigger-Diodes (DIAC)
Bidirektionale Si-Triggerdioden (DIAC)
Version 2006-04-27
Dimensions - Maße [mm]
Breakover voltage
Durchbruchspannung
28 ... 45 V
Peak pulse current
Max. Triggerimpuls
± 2 A
Plastic case
Kunststoffgehäuse
DO-41
DO-204AL
Weight approx. – Gewicht ca.
0.4 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped in ammo pack
Standard Lieferform gegurtet in Ammo-Pack
Maximum ratings
Grenzwerte
Power dissipation
Verlustleistung
TA = 50°C
Ptot
150 mW 1)
Peak pulse current (120 Hz pulse repetition rate)
Max. Triggerstrom (120 Hz Puls-Wiederholrate)
tp ≤ 20 µs
IPM
± 2 A 1)
Operating Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+100°C
-50...+175°C
Characteristics
Kennwerte
Breakover voltage
Durchbruchspannung
dV/dt = 10 V/µs
BR100-03
BR100-031
BR100-04
VBO
VBO
VBO
28 ... 36 V
30 ... 34 V
35 ... 45 V
Breakover current – Durchbruchstrom
V = 98% VBO
IBO
< 50 µA
Asymmetry of breakover voltage
Unsymmetrie der Durchbruchspannung
|V(BO)F – V(BO)R|
ΔVBO
< 3.8 V
Foldback voltage – Spannungs-Rücksprung
ΔI = IBO to/auf IF = 10 mA
dV/dt = 10 V/µs
ΔVF/R
> 5 V
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 45 K/W 1)
Thermal resistance junction to leads
Wärmewiderstand Sperrschicht − Anschlussdraht
RthL
< 15 K/W
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlussdrähte in 10 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
© Diotec Semiconductor AG
http://www.diotec.com/
1
Ø
±0.05
0.8
Ø
0.1
2.6
-


Similar Part No. - BR100-04

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BR100-04LLD DIOTEC-BR100-04LLD Datasheet
96Kb / 2P
   Surface Mount Bidirectional Si-Trigger-Diodes
BR100-04LLD DIOTEC-BR100-04LLD Datasheet
142Kb / 2P
   SMD Trigger-Diodes
More results

Similar Description - BR100-04

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DB3 DIOTEC-DB3_07 Datasheet
89Kb / 2P
   Bidirectional Si-Trigger-Diodes
DB3 DIOTEC-DB3 Datasheet
251Kb / 2P
   Bidirectional Si-Trigger-Diodes (DIAC)
logo
DIOTEC Electronics Corp...
BR1003DO41 DEC-BR1003DO41 Datasheet
243Kb / 2P
   Bidirectional Si-Trigger-Diodes (DIAC)
logo
Diotec Semiconductor
BR100-03LLD DIOTEC-BR100-03LLD Datasheet
96Kb / 2P
   Surface Mount Bidirectional Si-Trigger-Diodes
BR10003LLD DIOTEC-BR10003LLD_13 Datasheet
98Kb / 2P
   Surface Mount Bidirectional Si-Trigger-Diodes (DIAC)
BR10003LLD DIOTEC-BR10003LLD Datasheet
98Kb / 2P
   Surface Mount Bidirectional Si-Trigger-Diodes (DIAC)
logo
DONGGUAN YOU FENG WEI E...
DB3T-SOD123 YFWDIODE-DB3T-SOD123 Datasheet
522Kb / 3P
   Silicon Bidirectional Trigger Diodes
SOD123FL-DB-DB3W YFWDIODE-SOD123FL-DB-DB3W Datasheet
380Kb / 3P
   Silicon Bidirectional Trigger Diodes
logo
Nanjing International G...
DB3 DGNJDZ-DB3 Datasheet
161Kb / 2P
   Silicon Bidirectional Trigger Diodes
logo
DONGGUAN YOU FENG WEI E...
DB3W YFWDIODE-DB3W Datasheet
89Kb / 3P
   Silicon Bidirectional Trigger Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com