Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8256A Datasheet(PDF) 3 Page - Elite Semiconductor Memory Technology Inc.

Part # AD8256A
Description  2x16W Stereo Digital Audio Amplifier with Headphone Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD8256A Datasheet(HTML) 3 Page - Elite Semiconductor Memory Technology Inc.

  AD8256A Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. AD8256A Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. AD8256A Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. AD8256A Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ESMT
AD8256A
Elite Semiconductor Memory Technology Inc.
Publication Date: May. 2007
Revision: 1.3
3/33
20
RA2
O
Right channel output2 (+)
21
GNDR2
P
Ground2 for right channel
22
RB2
O
Right channel output2 (-)
23
VDDRB2
P
Supply2 for right channel B
(Note2)
24
set
Re
I
Reset, low active
Schmitt trigger TTL input buffer
25
PD
I
Power down, low active
Schmitt trigger TTL input buffer
26
ERROR
O
ERROR output
Open-drain output
27
SA0
I
I
2C select address 0
Schmitt trigger TTL input buffer
28
SA1
I
I
2C select address 1
Schmitt trigger TTL input buffer
29
SCL
I
I
2C serial clock input
Schmitt trigger TTL input buffer
30
SDA
I
I
2C serial data input
Schmitt trigger TTL input buffer with
open-drain output
31
DEF
I
Default volume, 0=Mute, 1=Un-Mute
Schmitt trigger TTL input buffer
32
PWMSA
O
Half-bridge, sub-woofer channel output
TTL output buffer
33
AVDD
P
Analog supply
(Note1)
34
AGND
P
Analog ground
35
HPR
O
Headphone right channel output
36
HPL
O
Headphone left channel output
37
HP-SPK
I
Headphone detection
38
VDDLB2
P
Supply2 for left channel B
(Note2)
39
LB2
O
Left channel output2 (-)
40
GNDL2
P
Ground2 for left channel
41
LA2
O
Left channel output2 (+)
42
VDDLA2
P
Supply2 for left channel A
(Note2)
43
VDDLA1
P
Supply1 for left channel A
(Note2)
44
LA1
O
Left channel output1 (+)
45
GNDL1
P
Ground1 for left channel
46
LB1
O
Left channel output1 (-)
47
VDDLB1
P
Supply1 for left channel B
(Note2)
48
PLL_Byp
I
PLL Bypass
Schmitt trigger TTL input buffer
Note1:These pins provide the supply for digital PWM controller, headphone drivers, built-in PLL and
protection circuits except for loudspeaker short-circuit protection circuits.
Note2:These pins provide the supply for loudspeaker driver stages, which are known as “PVDD”.


Similar Part No. - AD8256A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD825 AD-AD825 Datasheet
2Mb / 11P
   Low Cost, General Purpose High Speed JFET Amplifier
REV. C
AD825 AD-AD825 Datasheet
413Kb / 12P
   Low Cost, General-Purpose High Speed JFET Amplifier
Rev. F
AD825 AD-AD825 Datasheet
414Kb / 12P
   Low Cost, General-Purpose High Speed JFET Amplifier
Rev. F
AD8250 AD-AD8250 Datasheet
125Kb / 8P
   12MHz 20V/us G=1,2,5,10 Programmable Gain iCMOS Instrumentation Amplifier
Rev.PrB
AD8250 AD-AD8250 Datasheet
217Kb / 10P
   10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
Rev. prA
More results

Similar Description - AD8256A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
AD82550A ESMT-AD82550A Datasheet
186Kb / 3P
   Stereo Digital Audio Amplifier with Headphone Driver
AD82551A ESMT-AD82551A Datasheet
187Kb / 3P
   Stereo Digital Audio Amplifier with Headphone Driver
AD8258A ESMT-AD8258A Datasheet
208Kb / 3P
   Stereo/Mono Digital Audio Amplifier with Headphone Driver and SubWoofer Line-Out
AD8356A ESMT-AD8356A Datasheet
325Kb / 4P
   2.1-Channel Digital Audio Amplifier with Headphone Driver
logo
Integrated Silicon Solu...
IS31AP4088A-QFLS2-TR ISSI-IS31AP4088A-QFLS2-TR Datasheet
346Kb / 20P
   DUAL 2.84W STEREO AUDIO AMPLIFIER PLUS HEADPHONE DRIVER
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850_V01 Datasheet
3Mb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
MAX9850 MAXIM-MAX9850 Datasheet
956Kb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
Rev 0; 11/04
logo
Integrated Silicon Solu...
IS31AP4088A ISSI-IS31AP4088A Datasheet
346Kb / 20P
   DUAL 2.84W STEREO AUDIO AMPLIFIER PLUS HEADPHONE DRIVER
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
Anpec Electronics Corop...
APA2051 ANPEC-APA2051 Datasheet
793Kb / 32P
   2.4W Stereo Audio Power Amplifier (with Gain Setting) & Capfree Headphone Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com