Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70666 Datasheet(PDF) 1 Page - Anaren Microwave

Part # 70666
Description  Modulators Balanced
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

70666 Datasheet(HTML) 1 Page - Anaren Microwave

  70666 Datasheet HTML 1Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sales Desk USA: Voice: (800) 544-2414 Fax: (315) 432-9121
Sales Desk Europe: Voice: (+44) 23 92 232392 Fax: (+44) 23 92 251369
Modulators
Balanced
Model 70666
6.7.8
Features
• Military Grade
• Excellent Carrier Suppression
• Low VSWR
• Good Bi Phase Tracking
• Low Conversion Loss
• Connectors Per MIL-C-39012
Applications
• Up Converters
• Double Sideband Modulators
• Amplitude Modulators
• Pulse Modulators
• Current Controlled
Attenuators
• Suppressed Carrier Systems
• Bi Phase Modulators
• Digital PSK Systems
Outline Drawing
Notes: Impedance: 50 ohms nominal. Operating temperature -54 to +95°C. Modulation Power:+10dBm or
+/- 10ma Electrical and Mechanical Specifications subject to change without notice.
1
IF frequency is the -3dB response point.
2
Relative to desired output signal.
Electrical Specifications
Frequency
IF Input*
Conversion Loss
GHz
MHz
dB Max/Type
2.0-4.0
DC-250
8.0/6.5
Carrier Suppression
RF VSWR
dB Min/Type
dB Max/Type:1
16/21
1.6/1.2
NOTES:
1
Dimensions:
Inches over (millimeters)
2
Marking:
Marking shall be in accordance with MIL-STD-130
3
Finish:
Epoxy coating per MIL-C-22750. Color Chip 35180 (Blue)
per FED-STD-595. Over epoxy primer per MIL-P-23377
5
Weight:
5.7 oz. Max


Similar Part No. - 70666

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
70665-2009 MOLEX1-70665-2009 Datasheet
118Kb / 2P
   LFH. 075 PITCH, 96 CKT. VERT. I/O PLUG (SALES)
logo
Schurter Inc.
70665-2009 SCHURTER-70665-2009 Datasheet
118Kb / 2P
   LFH .075 PITCH. 96 CKT. VERT.I/O PLUG (SALES)
logo
Anaren Microwave
70668 ANAREN-70668 Datasheet
197Kb / 1P
   Modulators Balanced
More results

Similar Description - 70666

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
70668 ANAREN-70668 Datasheet
197Kb / 1P
   Modulators Balanced
logo
ON Semiconductor
MC1496 ONSEMI-MC1496 Datasheet
310Kb / 14P
   BALANCED MODULATORS/DEMODULATORS
April, 2004 ??Rev. 9
MC1496 ONSEMI-MC1496_06 Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
logo
List of Unclassifed Man...
SL1641C ETC1-SL1641C Datasheet
202Kb / 2P
   DOUBLE BALANCED MODULATORS
logo
Marki Microwave
M1B-0618 MARKIMICROWAVE-M1B-0618 Datasheet
215Kb / 2P
   DOUBLE-BALANCED MIXERS BI-PHASE MODULATORS
logo
Merrimac Industries, In...
BPM-2A-250 MERRIMAC-BPM-2A-250 Datasheet
186Kb / 1P
   BIPHASE MODULATORS
JPF-21F-1200B MERRIMAC-JPF-21F-1200B Datasheet
154Kb / 2P
   QUADRAPHASE MODULATORS
JTM-2A-10B MERRIMAC-JTM-2A-10B Datasheet
118Kb / 1P
   QUADRAPHASE MODULATORS
JPP-21R-10B MERRIMAC-JPP-21R-10B Datasheet
124Kb / 2P
   QUADRAPHASE MODULATORS
logo
SYNERGY MICROWAVE CORPO...
SBM-C4 SYNERGY-SBM-C4 Datasheet
267Kb / 3P
   BPSK MODULATORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com