Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPC440GP-3RC333C Datasheet(PDF) 11 Page - Applied Micro Circuits Corporation

Part # PPC440GP-3RC333C
Description  Power PC 440GP Embedded Processor
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GP-3RC333C Datasheet(HTML) 11 Page - Applied Micro Circuits Corporation

Back Button PPC440GP-3RC333C Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC440GP-3RC333C Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC440GP-3RC333C Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC440GP-3RC333C Datasheet HTML 10Page - Applied Micro Circuits Corporation PPC440GP-3RC333C Datasheet HTML 11Page - Applied Micro Circuits Corporation PPC440GP-3RC333C Datasheet HTML 12Page - Applied Micro Circuits Corporation PPC440GP-3RC333C Datasheet HTML 13Page - Applied Micro Circuits Corporation PPC440GP-3RC333C Datasheet HTML 14Page - Applied Micro Circuits Corporation PPC440GP-3RC333C Datasheet HTML 15Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
AMCC
11
Revision 1.07 – October 4, 2007
Data Sheet
- 133MHz, maximum 4.2GB/s (simultaneous read and write)
- Processor:bus clock ratios of 3:1, 4:1, 5:1, 5:2, and 7:2
•OPB
- Dynamic bus sizing 32-, 16-, and 8-bit data path
- Separate and simultaneous read and write data paths
- 36-bit address
- 66.66MHz, maximum 266MB/s
• DCR
- 32-bit data path
- 10 bit address
On-Chip SRAM
Features include:
• One physical bank of 8KB
• Memory cycles supported:
- Single beat read and write, 1 to 16 bytes
- 32- and 64-byte burst transfers
- Guarded memory accesses
• Sustainable 2.1GB/s peak bandwidth at 133MHz
PCI-X Interface
The PCI-X interface allows connection of PCI and PCI-X devices to the PowerPC processor and local memory.
This interface is designed to Version 1.0a of the PCI-X Specification and supports 32- and 64-bit PCI-X buses. PCI
32/64-bit conventional mode, compatible with PCI Version 2.2, is also supported.
Reference Specifications:
• PowerPC CoreConnect Bus (PLB) version PLB4
• PCI Specification Version 2.2
• PCI Bus Power Management Interface Specification Version 1.1
Features include:
• PCI-X 1.0a
- Split transactions
- Frequency to 133MHz
- 32- and 64-bit bus
• PCI 2.2 backward compatibility
- Frequency to 66MHz
- 32- and 64-bit bus
• Can be the PCI Host Bus Bridge or an Adapter Device's PCI interface
• Internal PCI arbitration function, supporting up to six external devices, that can be disabled for use with an
external arbiter
• Support for Message Signaled Interrupts
• Simple message passing capability
• Asynchronous to the PLB
• PCI Power Management 1.1
• PCI register set addressable both from on-chip processor and PCI device sides


Similar Part No. - PPC440GP-3RC333C

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
PPC440GR-3PBFFFCX AMCC-PPC440GR-3PBFFFCX Datasheet
1Mb / 82P
   Power PC 440GR Embedded Processor
PPC440GRX-NPAFFFTS AMCC-PPC440GRX-NPAFFFTS Datasheet
1Mb / 88P
   PowerPC 440GRx Embedded Processor
PPC440GRX-SPAFFFTS AMCC-PPC440GRX-SPAFFFTS Datasheet
1Mb / 88P
   PowerPC 440GRx Embedded Processor
PPC440GX-3CC533S AMCC-PPC440GX-3CC533S Datasheet
1Mb / 93P
   Power PC 440GX Embedded Processor
PPC440GX-3CC667S AMCC-PPC440GX-3CC667S Datasheet
1Mb / 93P
   Power PC 440GX Embedded Processor
More results

Similar Description - PPC440GP-3RC333C

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
405GPR AMCC-405GPR Datasheet
1Mb / 57P
   Power PC 405GPr Embedded Processor
440EP AMCC-440EP Datasheet
1Mb / 84P
   Power PC 440EP Embedded Processor
405GP AMCC-405GP Datasheet
1Mb / 59P
   Power PC 405GP Embedded Processor
440GX AMCC-440GX Datasheet
1Mb / 93P
   Power PC 440GX Embedded Processor
440GR AMCC-440GR Datasheet
1Mb / 82P
   Power PC 440GR Embedded Processor
logo
Beckhoff Automation Gmb...
CX5240 BECKHOFF-CX5240 Datasheet
209Kb / 4P
   Embedded PC with Intel Atom짰 processor
CX5230 BECKHOFF-CX5230 Datasheet
209Kb / 4P
   Embedded PC with Intel Atom짰 processor
CX5140 BECKHOFF-CX5140 Datasheet
225Kb / 5P
   Embedded PC with Intel Atom짰 processor
CX5120 BECKHOFF-CX5120 Datasheet
211Kb / 5P
   Embedded PC with Intel Atom짰 processor
CX5130 BECKHOFF-CX5130 Datasheet
225Kb / 5P
   Embedded PC with Intel Atom짰 processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com