Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT60142F-DD15MMQ Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT60142F-DD15MMQ
Description  Rad Hard 512K x 8 Very Low Power CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT60142F-DD15MMQ Datasheet(HTML) 4 Page - ATMEL Corporation

  AT60142F-DD15MMQ Datasheet HTML 1Page - ATMEL Corporation AT60142F-DD15MMQ Datasheet HTML 2Page - ATMEL Corporation AT60142F-DD15MMQ Datasheet HTML 3Page - ATMEL Corporation AT60142F-DD15MMQ Datasheet HTML 4Page - ATMEL Corporation AT60142F-DD15MMQ Datasheet HTML 5Page - ATMEL Corporation AT60142F-DD15MMQ Datasheet HTML 6Page - ATMEL Corporation AT60142F-DD15MMQ Datasheet HTML 7Page - ATMEL Corporation AT60142F-DD15MMQ Datasheet HTML 8Page - ATMEL Corporation AT60142F-DD15MMQ Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
AT60142F/FT
4408A–AERO–02/05
Electrical Characteristics
Absolute Maximum Ratings*
Note:
1. 7V for FT version.
2. For AT60142F. It is better than 2000V for AT60142FT.
Military Operating Range
Recommended DC Operating Conditions
Note:
1. FT version: 5.5V in DC, 5.8V in transient conditions.
Capacitance
Note:
1. Guaranteed but not tested.
Supply Voltage to GND Potential:.........................-0.5V + 4.6V
DC Input Voltage:.....................................GND -0.5V to 4.6V
(1)
DC Output Voltage High Z State: ................GND -0.5V to 4.6V
Storage Temperature: ................................... -65
°C to + 150°C
Output Current Into Outputs (Low): ............................... 20 mA
Electro Statics Discharge Voltage
(2):.. .........> 4000V (MIL STD
883D Method 3015.3)
*NOTE:
Stresses beyond those listed under "Absolute Maxi-
mum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional oper-
ation of the device at these or any other conditions
beyond those indicated in the operational sections of
this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect device reliability.
Operating Voltage
Operating Temperature
Military
3.3
+ 0.3V
-55
°C to + 125°C
Parameter
Description
Min
Typ
Max
Unit
Vcc
Supply voltage
3
3.3
3.6
V
GND
Ground
0.0
0.0
0.0
V
V
IL
Input low voltage
GND - 0.3
0.0
0.8
V
VIH
Input high voltage
2.2
VCC + 0.3
(1)
V
Parameter
Description
Min
Typ
Max
Unit
Cin
(1)
Input low voltage
12
pF
C
out
(1)
Output high voltage
12
pF


Similar Part No. - AT60142F-DD15MMQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT60142F-DD15M-E ATMEL-AT60142F-DD15M-E Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F-DD15M-E ATMEL-AT60142F-DD15M-E Datasheet
352Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F-DD15MSV ATMEL-AT60142F-DD15MSV Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F-DD15MSV ATMEL-AT60142F-DD15MSV Datasheet
352Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
More results

Similar Description - AT60142F-DD15MMQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT60142F ATMEL-AT60142F_07 Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142E ATMEL-AT60142E Datasheet
295Kb / 17P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142H ATMEL-AT60142H Datasheet
319Kb / 12P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
M65609E ATMEL-M65609E Datasheet
249Kb / 14P
   Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
M65609E ATMEL-M65609E_07 Datasheet
1Mb / 14P
   Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV4006 BSI-BS62LV4006_06 Datasheet
400Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com