Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8505IDWG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8505IDWG4
Description  16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8505IDWG4 Datasheet(HTML) 4 Page - Texas Instruments

  ADS8505IDWG4 Datasheet HTML 1Page - Texas Instruments ADS8505IDWG4 Datasheet HTML 2Page - Texas Instruments ADS8505IDWG4 Datasheet HTML 3Page - Texas Instruments ADS8505IDWG4 Datasheet HTML 4Page - Texas Instruments ADS8505IDWG4 Datasheet HTML 5Page - Texas Instruments ADS8505IDWG4 Datasheet HTML 6Page - Texas Instruments ADS8505IDWG4 Datasheet HTML 7Page - Texas Instruments ADS8505IDWG4 Datasheet HTML 8Page - Texas Instruments ADS8505IDWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
www.ti.com
DEVICE INFORMATION
VDIG
VANA
BUSY
CS
R/C
BYTE
D0 (LSB)
D1
D2
D3
D4
D5
D6
D7
VIN
AGND1
REF
CAP
AGND2
D15 (MSB)
D14
D13
D12
D11
D10
D9
D8
DGND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ADS8505
SLAS180B – SEPTEMBER 2005 – REVISED JUNE 2007
ELECTRICAL CHARACTERISTICS (continued)
T
A = –40°C to 85°C, fs = 250 kHz, VDIG = VANA = 5 V, using internal reference (unless otherwise noted)
ADS8505I
ADS8505IB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
DIGITAL TIMING
Bus access timing
83
83
ns
Bus relinquish timing
83
83
ns
POWER SUPPLIES
VDIG
Digital input voltage
4.75
5
5.25
4.75
5
5.25
V
VANA
Analog input voltage
4.75
5
5.25
4.75
5
5.25
V
Must be
≤ V
ANA
IDIG
Digital input current
2
5
2
5
mA
IANA
Analog input current
12
15
12
15
mA
Power dissipation
fS = 250 kHz
70
100
70
100
mW
TEMPERATURE RANGE
Specified performance
–40
85
–40
85
°C
Derated performance(8)
–55
125
–55
125
°C
Storage
–65
150
–65
150
°C
THERMAL RESISTANCE (
Θ
JA)
SSOP
62
62
°C/W
SO
46
46
°C/W
(8)
The internal reference may not be started correctly beyond the industrial temperature range (–40
°C to 85°C), therefore use of an
external reference is recommended.
DB OR DW PACKAGE
(TOP VIEW)
4
Submit Documentation Feedback


Similar Part No. - ADS8505IDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8505I TI1-ADS8505I Datasheet
1Mb / 27P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505IB TI1-ADS8505IB Datasheet
1Mb / 27P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS8505IDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8515 TI1-ADS8515_14 Datasheet
573Kb / 23P
[Old version datasheet]   16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI1-ADS8505_14 Datasheet
1Mb / 27P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI-ADS8515 Datasheet
526Kb / 22P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI-ADS8508 Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com