Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61041DRVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61041DRVT
Description  LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61041DRVT Datasheet(HTML) 3 Page - Texas Instruments

  TPS61041DRVT Datasheet HTML 1Page - Texas Instruments TPS61041DRVT Datasheet HTML 2Page - Texas Instruments TPS61041DRVT Datasheet HTML 3Page - Texas Instruments TPS61041DRVT Datasheet HTML 4Page - Texas Instruments TPS61041DRVT Datasheet HTML 5Page - Texas Instruments TPS61041DRVT Datasheet HTML 6Page - Texas Instruments TPS61041DRVT Datasheet HTML 7Page - Texas Instruments TPS61041DRVT Datasheet HTML 8Page - Texas Instruments TPS61041DRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
www.ti.com
DETAILED DESCRIPTION
OPERATION
PEAK CURRENT CONTROL
I
peak(typ) +
I
LIM )
V
IN
L
100 ns
I
peak(typ) +
400 mA )
V
IN
L
100 ns for the TPS61040
I
peak(typ) +
250 mA )
V
IN
L
100 ns for the TPS61041
(1)
TPS61040
TPS61041
SLVS413C – OCTOBER 2002 – REVISED AUGUST 2007
Table 1. Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
DBV NO.
DRV NO.
This is the enable pin of the device. Pulling this pin to ground forces the device into shutdown
EN
4
3
I
mode reducing the supply current to less than 1
μA. This pin should not be left floating and needs
to be terminated.
This is the feedback pin of the device. Connect this pin to the external voltage divider to program
FB
3
4
I
the desired output voltage.
GND
2
1
Ground
NC
5
No connection
Connect the inductor and the Schottky diode to this pin. This is the switch pin and is connected to
SW
1
6
I
the drain of the internal power MOSFET.
VIN
5
2
I
Supply voltage pin
The TPS61040/41 operates with an input voltage range of 1.8 V to 6 V and can generate output voltages up to
28 V. The device operates in a pulse-frequency-modulation (PFM) scheme with constant peak current control.
This control scheme maintains high efficiency over the entire load current range, and with a switching frequency
up to 1 MHz, the device enables the use of very small external components.
The converter monitors the output voltage, and as soon as the feedback voltage falls below the reference voltage
of typically 1.233 V, the internal switch turns on and the current ramps up. The switch turns off as soon as the
inductor current reaches the internally set peak current of typically 400 mA (TPS61040) or 250 mA (TPS61041).
See the Peak Current Control section for more information. The second criteria that turns off the switch is the
maximum on-time of 6
μs (typical). This is just to limit the maximum on-time of the converter to cover for extreme
conditions. As the switch is turned off the external Schottky diode is forward biased delivering the current to the
output. The switch remains off for a minimum of 400 ns (typical), or until the feedback voltage drops below the
reference voltage again. Using this PFM peak current control scheme the converter operates in discontinuous
conduction mode (DCM) where the switching frequency depends on the output current, which results in very high
efficiency over the entire load current range. This regulation scheme is inherently stable, allowing a wider
selection range for the inductor and output capacitor.
The internal switch turns on until the inductor current reaches the typical dc current limit (ILIM) of 400 mA
(TPS61040) or 250 mA (TPS61042). Due to the internal propagation delay of typical 100 ns, theactualcurrent
exceeds the dc current limit threshold by a small amount. The typical peak current limit can be calculated:
The higher the input voltage and the lower the inductor value, the greater the peak.
By selecting the TPS61040 or TPS61041, it is possible to tailor the design to the specific application current limit
requirements. A lower current limit supports applications requiring lower output power and allows the use of an
inductor with a lower current rating and a smaller form factor. A lower current limit usually has a lower output
voltage ripple as well.
Copyright © 2002–2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS61040 TPS61041


Similar Part No. - TPS61041DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61041DRVT TI-TPS61041DRVT Datasheet
977Kb / 27P
[Old version datasheet]   LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
TPS61041DRVTG4 TI-TPS61041DRVTG4 Datasheet
977Kb / 27P
[Old version datasheet]   LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
More results

Similar Description - TPS61041DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61040DDCR TI-TPS61040DDCR Datasheet
977Kb / 27P
[Old version datasheet]   LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
TPS61040 TI-TPS61040 Datasheet
299Kb / 18P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI1-TPS61040-Q1_16 Datasheet
1,013Kb / 27P
[Old version datasheet]   Low-Power DC-DC Boost Converter in SOT-23 Package
TPS61040-Q1 TI-TPS61040-Q1_15 Datasheet
797Kb / 24P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI-TPS61040-Q1 Datasheet
288Kb / 18P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI-TPS61040-Q1_V01 Datasheet
707Kb / 28P
[Old version datasheet]   TPS6104x-Q1 Low-Power DC-DC Boost Converter in SOT-23 Package
REVISED MARCH 2016
logo
Sipex Corporation
SP6641A SIPEX-SP6641A_05 Datasheet
133Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Exar Corporation
SP6641BEK-L-5-0-TR EXAR-SP6641BEK-L-5-0-TR Datasheet
137Kb / 14P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Sipex Corporation
SP6641BEK-L-5-0 SIPEX-SP6641BEK-L-5-0 Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641AEK SIPEX-SP6641AEK Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com