Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61041DRVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61041DRVT
Description  LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61041DRVT Datasheet(HTML) 5 Page - Texas Instruments

  TPS61041DRVT Datasheet HTML 1Page - Texas Instruments TPS61041DRVT Datasheet HTML 2Page - Texas Instruments TPS61041DRVT Datasheet HTML 3Page - Texas Instruments TPS61041DRVT Datasheet HTML 4Page - Texas Instruments TPS61041DRVT Datasheet HTML 5Page - Texas Instruments TPS61041DRVT Datasheet HTML 6Page - Texas Instruments TPS61041DRVT Datasheet HTML 7Page - Texas Instruments TPS61041DRVT Datasheet HTML 8Page - Texas Instruments TPS61041DRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TPS61040
TPS61041
SLVS413C – OCTOBER 2002 – REVISED AUGUST 2007
MIN
TYP
MAX
UNIT
VIN
Input voltage range
1.8
6
V
VOUT
Output voltage range
28
V
L
Inductor(1)
2.2
10
μH
f
Switching frequency(1)
1
MHz
CIN
Input capacitor (1)
4.7
μF
COUT
Output capacitor (1)
1
μF
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
(1)
See application section for further information.
VIN = 2.4 V, EN = VIN, TA = –40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VIN
Input voltage range
1.8
6
V
IQ
Operating quiescent current
IOUT = 0 mA, not switching, VFB = 1.3 V
28
50
μA
ISD
Shutdown current
EN = GND
0.1
1
μA
VUVLO
Under-voltage lockout threshold
1.5
1.7
V
ENABLE
VIH
EN high level input voltage
1.3
V
VIL
EN low level input voltage
0.4
V
II
EN input leakage current
EN = GND or VIN
0.1
1
μA
POWER SWITCH AND CURRENT LIMIT
Vsw
Maximum switch voltage
30
V
toff
Minimum off time
250
400
550
ns
ton
Maximum on time
4
6
7.5
μs
RDS(on)
MOSFET on-resistance
VIN = 2.4 V; ISW = 200 mA; TPS61040
600
1000
m
RDS(on)
MOSFET on-resistance
VIN = 2.4 V; ISW = 200 mA; TPS61041
750
1250
m
MOSFET leakage current
VSW = 28 V
1
10
μA
ILIM
MOSFET current limit
TPS61040
350
400
450
mA
ILIM
MOSFET current limit
TPS61041
215
250
285
mA
OUTPUT
VOUT
Adjustable output voltage range
VIN
28
V
Vref
Internal voltage reference
1.233
V
IFB
Feedback input bias current
VFB = 1.3 V
1
μA
VFB
Feedback trip point voltage
1.8 V
≤ VIN ≤ 6 V
1.208
1.233
1.258
V
1.8 V
≤ VIN ≤ 6 V; VOUT = 18 V; Iload = 10 mA;
Line regulation (1)
0.05
%/V
CFF = not connected
Load regulation(1)
VIN = 2.4 V; VOUT = 18 V; 0 mA ≤ IOUT ≤ 30 mA
0.15
%/mA
(1)
The line and load regulation depend on the external component selection. See the application section for further information.
Copyright © 2002–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS61040 TPS61041


Similar Part No. - TPS61041DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61041DRVT TI-TPS61041DRVT Datasheet
977Kb / 27P
[Old version datasheet]   LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
TPS61041DRVTG4 TI-TPS61041DRVTG4 Datasheet
977Kb / 27P
[Old version datasheet]   LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
More results

Similar Description - TPS61041DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61040DDCR TI-TPS61040DDCR Datasheet
977Kb / 27P
[Old version datasheet]   LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
TPS61040 TI-TPS61040 Datasheet
299Kb / 18P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI1-TPS61040-Q1_16 Datasheet
1,013Kb / 27P
[Old version datasheet]   Low-Power DC-DC Boost Converter in SOT-23 Package
TPS61040-Q1 TI-TPS61040-Q1_15 Datasheet
797Kb / 24P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI-TPS61040-Q1 Datasheet
288Kb / 18P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI-TPS61040-Q1_V01 Datasheet
707Kb / 28P
[Old version datasheet]   TPS6104x-Q1 Low-Power DC-DC Boost Converter in SOT-23 Package
REVISED MARCH 2016
logo
Sipex Corporation
SP6641A SIPEX-SP6641A_05 Datasheet
133Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Exar Corporation
SP6641BEK-L-5-0-TR EXAR-SP6641BEK-L-5-0-TR Datasheet
137Kb / 14P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Sipex Corporation
SP6641BEK-L-5-0 SIPEX-SP6641BEK-L-5-0 Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641AEK SIPEX-SP6641AEK Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com